Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33110 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33110
Description  LOW VOLTAGE COMPANDER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33110 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33110 Datasheet HTML 5Page - Motorola, Inc MC33110 Datasheet HTML 6Page - Motorola, Inc MC33110 Datasheet HTML 7Page - Motorola, Inc MC33110 Datasheet HTML 8Page - Motorola, Inc MC33110 Datasheet HTML 9Page - Motorola, Inc MC33110 Datasheet HTML 10Page - Motorola, Inc MC33110 Datasheet HTML 11Page - Motorola, Inc MC33110 Datasheet HTML 12Page - Motorola, Inc MC33110 Datasheet HTML 13Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC33110
9
MOTOROLA RF/IF DEVICE DATA
Figure 24. Compressor
+
2.2
µF
12
10
Input
10 k
Iref
VCC
Rectifier
IControl
10 k
∆ Gain
VB
8
11
9
20 k
R2
20 k
R1
1.0
µF
C1
Output
2.0
µF
4.7 k
Compressor
The compressor is an operational amplifier with a fixed
input resistor and a variable gain cell in its feedback path as
shown in Figure 24.
The amplifier output is sampled by the precision rectifier
which, in turn, supplies a DC signal (IControl), representative
of the rectifier’s AC signal, to the variable gain cell. The
reference current (Iref) is an internally generated precision
current. The effective impedance of the variable gain cell
varies with the ratio of the two currents, and decreases as
IControl increases, thereby providingcompression.Theoutput
is related to the input by the following equation:
Vout = 0.3162 x √Vin
(Equation 1)
In terms of dB levels, the relationship is:
Vout(dB) = 0.5 x Vin(dB)
(Equation 2)
where 0 dB = 100 mVrms (see Figure 2 and 4).
The inputs and output are internally biased at VB (VCC/2),
and must therefore be capacitor coupled to external circuitry.
Pin 10 input impedance is nominally 10 k
Ω (± 20%), and the
maximum functional input signal is shown in Figure 18. Bias
currents required by the op amp and the variable gain cell are
internally supplied. Due to clamp diodes at the input (to VCC
and ground), the input signal must be maintained between
the supply rails. If the input signal goes more than 0.5 V
above VCC or below ground, excessive currents will flow and
distortion will show up at the output.
When no AC signals are present at the input, the variable
gain cell will attempt to set such a high gain that the circuit
may be come unstable. For this reason resistors R1 and R2,
and capacitor C1 are added to provide DC stability. The pole
formed by R1, R2 and C1 should have a pole frequency no
more than 1/10th of the lowest frequency of interest. The pole
frequency is calculated from:
f
+
R1
) R2
2
p xR1R2 C3
(Equation 3)
for the component values shown, the pole frequency is
≈ 16 Hz.
Likewise, the capacitor between Pins 11 and 8 should be
selected such that, in conjunction with the input impedance at
Pin 8 (
≈ 3200 Ω, ± 20%), the resulting pole frequency is no
more than 1/10 of the lowest frequency of interest. With the
components shown, the pole frequency is < 30 Hz. This pole
frequency is calculated from:
f
+
1
2
p x3.2 k x C
(Equation 4)
The output of the rectifier is filtered by the capacitor at
Pin 12, which, in conjunction with an internal 10 k resistor,
provides the time constant for the attack and decay times.
Figure 14 and 16 indicate how the times vary with the
capacitor value. The attack time for the compressor is always
faster than the decay time due to the fact that the rectifier is
fed from the output rather than the input. Since the output is
initially larger than expected (immediately after the input has
increased), the external capacitor is charged more quickly
during the initial part of the time constant. When the input is
decreased, the time constant is closer to that calculated by
t = RC. If the attack and decay times are decreased by using
a smaller capacitor, performance at low frequencies will
degrade.


Similar Part No. - MC33110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
MC33111D MOTOROLA-MC33111D Datasheet
120Kb / 12P
   Low Voltage Compander
logo
LANSDALE Semiconductor ...
MC33111D LANSDALE-MC33111D Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
MC33111D LANSDALE-MC33111D Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Motorola, Inc
MC33111P MOTOROLA-MC33111P Datasheet
120Kb / 12P
   Low Voltage Compander
More results

Similar Description - MC33110

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
   Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
   Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
   Low-Voltage/Low-Power Compander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com