Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33110 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC33110
Description  LOW VOLTAGE COMPANDER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33110 Datasheet(HTML) 4 Page - Motorola, Inc

  MC33110 Datasheet HTML 1Page - Motorola, Inc MC33110 Datasheet HTML 2Page - Motorola, Inc MC33110 Datasheet HTML 3Page - Motorola, Inc MC33110 Datasheet HTML 4Page - Motorola, Inc MC33110 Datasheet HTML 5Page - Motorola, Inc MC33110 Datasheet HTML 6Page - Motorola, Inc MC33110 Datasheet HTML 7Page - Motorola, Inc MC33110 Datasheet HTML 8Page - Motorola, Inc MC33110 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MC33110
4
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, f = 1.0 kHz, unless otherwise noted, TA = 25°C, see Figure 1)
Characteristic
Unit
Max
Typ
Min
Symbol
COMPRESSOR
Peak Output Current
Pin 11
Ipk
0.3
mA
Output Offset
Pin 11, with respect to Pin 6, NO SIGNAL
Change from NO SIGNAL to 1.0 Vrms at Input
VOO
–150
0
50
150
mVdc
EXPANDER
0 dB Gain
(Vin = 100 mVrms, Pin 1 = open)
G(EO)
–1.5
0
1.5
dB
Gain Tracking
@ Vin = 316 mVrms, output relative to G(EO)
@ Vin = 31.6 mVrms, output relative to G(EO)
@ Vin = 10 mVrms, output relative to G(EO)
@ Vin = 3.16 mVrms, output relative to G(EO)
Gt
19
–61
+ 20
– 20
– 40
– 60
21
–59
dB
Total Harmonic Distortion
Vin = 100 mVrms, f = 1.0 kHz
THD
0
0.06
1.5
%
Power Supply Rejection (f = 1.0 kHz, CVB = 10 µF)
PSRR
37
dB
Attack Time (Capacitor @ Pin 3 = 2.2
µF)
ta(E)
19
ms
Decay Time (Capacitor @ Pin 3 = 2.2
µF)
td(E)
20
ms
Input Impedance
Pin 5
Rin
3.2
k
Peak Output Current
Pin 4
Ipk
1.0
mA
Output Offset
Pin 4, with respect to Pin 6, NO SIGNAL
Change from NO SIGNAL to 316 mVrms at Input
VOO
–150
0
25
150
mVdc
MISCELLANEOUS
Gain (Pin 10 to Pin 4; Pin 11 capacitor coupled to Pin 5)
VCC = 7.0 V, Vin = 1.0 Vrms
VCC = 3.0 V, Vin = 1.0 Vrms
VCC = 2.1 V, Vin = 31.6 mVrms
AV
–2.5
–2.5
–2.5
0
0
0
2.5
2.5
2.5
dB
Channel Separation
Expander to Compressor, output measured at Pin 11
Vin @ Pin 5 = 316 mVrms, f = 1.0 kHz
Vin @ Pin 5 = 316 mVrms, f = 10 kHz
CS
43
48
68
dB
Compressor to Expander, output measured at Pin 4
Vin @ Pin 10 = 1.0 Vrms, f = 1.0 kHz
Vin @ Pin 10 = 1.0 Vrms, f = 10 kHz
65
107
114
Figure 1. Test Circuit
+
+
2.2
µF
2
µF
5.0 k
3.0
µF
Expander
Input
Expander
Output
VCC
4.7
µF
4.7
µF
14
7
6
3
5
4
4.7 k
10 k
Rectifier
∆ Gain
Rectifier
∆ Gain
VB
VB
10 k
VB
Bias &
Reference
Generator
4.7 k
10 k
10 k
12
8
11
9
10
2.0
µF
1.0
µF
3.0
µF
5.0 k
2.2
µF
Compressor
Output
1.0
µF
Compressor
Input
10 k
10 k


Similar Part No. - MC33110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
MC33111D MOTOROLA-MC33111D Datasheet
120Kb / 12P
   Low Voltage Compander
logo
LANSDALE Semiconductor ...
MC33111D LANSDALE-MC33111D Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
MC33111D LANSDALE-MC33111D Datasheet
274Kb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Motorola, Inc
MC33111P MOTOROLA-MC33111P Datasheet
120Kb / 12P
   Low Voltage Compander
More results

Similar Description - MC33110

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
   Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
   Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
   Low-Voltage/Low-Power Compander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com