Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5850G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MJE5850G
Description  Switch-mode Series PNP Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5850G Datasheet(HTML) 6 Page - ON Semiconductor

  MJE5850G Datasheet HTML 1Page - ON Semiconductor MJE5850G Datasheet HTML 2Page - ON Semiconductor MJE5850G Datasheet HTML 3Page - ON Semiconductor MJE5850G Datasheet HTML 4Page - ON Semiconductor MJE5850G Datasheet HTML 5Page - ON Semiconductor MJE5850G Datasheet HTML 6Page - ON Semiconductor MJE5850G Datasheet HTML 7Page - ON Semiconductor MJE5850G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJE5850, MJE5851, MJE5852
www.onsemi.com
6
The Safe Operating Area figures shown in Figures 12 and 13 are
specified for these devices under the test conditions shown.
7.0
0
1.0
100
300
500
3.0
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5.0
5 ms
100
ms
dc
20
7.0
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.05
10
400
5.0
2.0
10
1.0
0.2
0.1
BONDING WIRE LIMIT
THERMAL LIMIT
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
20
40
70 100
Figure 12. Maximum Forward Bias
Safe Operating Area
TC =
25
°C
Figure 13. RBSOA, Maximum Reverse Bias
Safe Operating Area
0.5
0.02
300
200
400
500
IC/IB = 4
VBE(off) = 2 V to 8 V
TJ = 100°C
MJE5850
MJE5851
MJE5852
8.0
2.0
4.0
6.0
MJE5850
MJE5851
MJE5852
200
1 ms
Safe Operating Area Information
Forward Bias
There are two limitations on the power handling ability of
a transistor average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 12 is based on TC = 25
_C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% but must be
derated when TC
≥ 25_C. Second breakdown limitations do
not derate the same as thermal limitations. Allowable
current at the voltages shown on Figure 12 may be found at
any case temperature by using the appropriate curve on
Figure 15.
TJ(pk) may be calculated from the data in Figure 11. At
high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
Reverse Bias
For inductive loads, high voltage and high current must be
sustained simultaneously during turn−off, in most cases,
with the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping, RC
snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage−current condition allowable
during reverse biased turn−off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 13 gives the RBSOA
characteristics.
Figure 14. Peak Reverse Base Current
Figure 15. Forward Bias Power Derating
IC = 4 A
IB1 = 1 A
TJ = 25°C
TC, CASE TEMPERATURE (°C)
0
40
120
160
0.6
SECOND BREAKDOWN
DERATING
1
0.8
0.4
0.2
60
100
140
80
THERMAL
DERATING
20
0
1.0
26
8
2.5
3.5
3.0
2.0
1.5
4
VBE(off), BASE-EMITTER VOLTAGE (VOLTS)


Similar Part No. - MJE5850G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5850G ONSEMI-MJE5850G Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
More results

Similar Description - MJE5850G

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com