Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5731 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJE5731
Description  High Voltage PNP Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5731 Datasheet(HTML) 2 Page - ON Semiconductor

  MJE5731 Datasheet HTML 1Page - ON Semiconductor MJE5731 Datasheet HTML 2Page - ON Semiconductor MJE5731 Datasheet HTML 3Page - ON Semiconductor MJE5731 Datasheet HTML 4Page - ON Semiconductor MJE5731 Datasheet HTML 5Page - ON Semiconductor MJE5731 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE5730, MJE5731, MJE5731A
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
MJE5730
MJE5731
MJE5731A
VCEO(sus)
300
350
375
Vdc
Collector Cutoff Current
(VCE = 200 Vdc, IB = 0)
MJE5730
(VCE = 250 Vdc, IB = 0)
MJE5731
(VCE = 300 Vdc, IB = 0)
MJE5731A
ICEO
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 300 Vdc, VBE = 0)
MJE5730
(VCE = 350 Vdc, VBE = 0)
MJE5731
(VCE = 400 Vdc, VBE = 0)
MJE5731A
ICES
1.0
1.0
1.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 0.3 Adc, VCE = 10 Vdc)
(IC = 1.0 Adc, VCE = 10 Vdc)
hFE
30
10
150
Collector−Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.2 Adc)
VCE(sat)
1.0
Vdc
Base−Emitter On Voltage
(IC = 1.0 Adc, VCE = 10 Vdc)
VBE(on)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(IC = 0.2 Adc, VCE = 10 Vdc, f = 2.0 MHz)
fT
10
MHz
Small−Signal Current Gain
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
25
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
TJ = 25°C
0.03
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
2.0
0.02 0.03
0.05
0.1
0.2
0.5
1.0
2.0
30
10
3.0
Figure 2. Collector−Emitter Saturation Voltage
0.02
IC, COLLECTOR CURRENT (AMPS)
0
0.05
0.3
1.2
5.0
VCE = 10 V
1.0
2.0
1.4
1
TJ = 150°C
20
0.5
0.3
0.8
0.6
0.1
VCE(sat)) @ IC/IB = 5.0
0.2
0.2
0.4
25
°C
-55
°C
100
50
200
150
°C
-55
°C


Similar Part No. - MJE5731

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5731 MOTOROLA-MJE5731 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
logo
ON Semiconductor
MJE5731 ONSEMI-MJE5731 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
MJE5731 ONSEMI-MJE5731 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
logo
Inchange Semiconductor ...
MJE5731 ISC-MJE5731 Datasheet
264Kb / 2P
   isc Silicon PNP Power Transistor
logo
Motorola, Inc
MJE5731A MOTOROLA-MJE5731A Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
More results

Similar Description - MJE5731

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730_06 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
   High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731_13 Datasheet
133Kb / 5P
   High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com