Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBT3904DW1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MBT3904DW1
Description  Dual General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT3904DW1 Datasheet(HTML) 6 Page - ON Semiconductor

  MBT3904DW1 Datasheet HTML 1Page - ON Semiconductor MBT3904DW1 Datasheet HTML 2Page - ON Semiconductor MBT3904DW1 Datasheet HTML 3Page - ON Semiconductor MBT3904DW1 Datasheet HTML 4Page - ON Semiconductor MBT3904DW1 Datasheet HTML 5Page - ON Semiconductor MBT3904DW1 Datasheet HTML 6Page - ON Semiconductor MBT3904DW1 Datasheet HTML 7Page - ON Semiconductor MBT3904DW1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MBT3904DW1, MBT3904DW2, SMBT3904DW1, NSVMBT3904DW1
www.onsemi.com
6
TYPICAL STATIC CHARACTERISTICS
Figure 15. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25
°C
-55
°C
Figure 16. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
10
0.2
0.3
0
1.0
0.7
5.0
7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
30 mA
100 mA
Figure 17. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
1.2
0.2
Figure 18. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
0
100
-0.5
0
0.5
1.0
0
60
80
120
140
160
180
20
40
100
200
-1.0
-1.5
-2.0
200
TJ = 25°C
VBE(sat) @ IC/IB =10
VCE(sat) @ IC/IB =10
VBE @ VCE =1.0 V
+25
°C TO +125°C
-55
°C TO +25°C
+25
°C TO +125°C
-55
°C TO +25°C
qVC FOR VCE(sat)
qVB FOR VBE(sat)


Similar Part No. - MBT3904DW1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MBT3904DW1T1 LRC-MBT3904DW1T1 Datasheet
422Kb / 10P
   Dual General Purpose Transistors
logo
ON Semiconductor
MBT3904DW1T1 ONSEMI-MBT3904DW1T1 Datasheet
105Kb / 8P
   Dual General Purpose Transistors
September, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MBT3904DW1T1 ETL-MBT3904DW1T1 Datasheet
720Kb / 10P
   Dual General Purpose Transistors
logo
ON Semiconductor
MBT3904DW1T1 ONSEMI-MBT3904DW1T1 Datasheet
105Kb / 7P
   Dual General Purpose Transistors
May, 2005 - Rev. 5
MBT3904DW1T1G ONSEMI-MBT3904DW1T1G Datasheet
105Kb / 8P
   Dual General Purpose Transistors
September, 2004 ??Rev. 4
More results

Similar Description - MBT3904DW1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com