Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC120348BP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC120348BP
Description  MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC120348BP Datasheet(HTML) 1 Page - Motorola, Inc

  MC120348BP Datasheet HTML 1Page - Motorola, Inc MC120348BP Datasheet HTML 2Page - Motorola, Inc MC120348BP Datasheet HTML 3Page - Motorola, Inc MC120348BP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC12034A
MC12034B
Order this document by MC12034A/D
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
÷32/33, ÷64/65
DUAL MODULUS PRESCALER
P SUFFIX
PLASTIC PACKAGE
CASE 626
PIN CONNECTIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
1
8
IN
(Top View)
8
IN
VCC
SW
OUT
NC
MC
Gnd
7
6
5
1
2
3
4
Device
Operating
Temp Range
Package
ORDERING INFORMATION
MC12034AD
MC12034AP
TA = –40° to +85°C
SO–8
Plastic
MC12034BD
MC120348BP
SO–8
Plastic
2.0GHz Dual Modulus Prescaler
The MC12034A can be used with CMOS synthesizers requiring positive
edges to trigger internal counters such as Motorola’s MC145xxx series in a
PLL to provide tuning signals up to 2.0 GHz in programmable frequency
steps.
The MC12034B can be used with CMOS synthesizers requiring negative
edges to trigger internal counters such as Fujitsu’s MB87001.
A Divide Ratio Control (SW) permits selection of a 32/33 or 64/65 divide
ratio as desired.
The Modulus Control (MC) selects the proper divide number after SW has
been biased to select the desired divide ratio.
2.0 GHz Toggle Frequency
Supply Voltage 4.5 to 5.5 V
MC12034A for Positive Edge Triggered Synthesizers
12mA Maximum, –40 to 85°C, VCC = 5.5 Vdc
Modulus Control Input is Compatible with Standard CMOS and TTL
Low–Power 8.5 mA Typical
FUNCTIONAL TABLE
SW
MC
Divide Ratio
H
H
32
H
L
33
L
H
64
L
L
65
NOTES: 1. SW: H = VCC, L = Open. A logic L can also be applied by grounding this pin,
but this is not recommended due to increased power consumption.
2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
Design Criteria
Value
Unit
Internal Gate Count *
67
ea
Internal Gate Propagation Delay
200
ps
Internal Gate Power Dissipation
0.75
mW
Speed Power Product
0.15
pJ
NOTE:
*Equivalent to a two–input NAND gate.
MAXIMUM RATINGS
Characteristic
Symbol
Range
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to +7.0
Vdc
Operating Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Modulus Control Input, Pin 6
MC
–0.5 to +6.5
Vdc
NOTES: 1. ESD data available upon request.
2. This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this high
impedance circuit. For proper operation, Vin and Vout should be constrained
to the range GND
≤ (Vin or Vout) ≤ VCC.
© Motorola, Inc. 1997
Rev 3


Similar Part No. - MC120348BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1203 MOTOROLA-MC1203 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033AD MOTOROLA-MC12033AD Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033AP MOTOROLA-MC12033AP Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033BD MOTOROLA-MC12033BD Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
More results

Similar Description - MC120348BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com