Electronic Components Datasheet Search |
|
T85C5121-ICRIL Datasheet(PDF) 7 Page - ATMEL Corporation |
|
T85C5121-ICRIL Datasheet(HTML) 7 Page - ATMEL Corporation |
7 / 110 page 7 T8xC5121 4164E–SCR–02/04 RST VCC I/O Reset input Holding this pin low for 64 oscillator periods while the oscillator is running resets the device. The Port pins are driven to their reset conditions when a voltage lower than VIL is applied, whether or not the oscillator is running. This pin has an internal pull-up resistor which allows the device to be reset by connecting a capacitor between this pin and VSS. Asserting RST when the chip is in Idle mode or Power-down mode returns the chip to normal operation. The output is active for at least 12 oscillator periods when an internal reset occurs. XTAL1 VCC I Input to the on-chip inverting oscillator amplifier To use the internal oscillator, a crystal/resonator circuit is connected to this pin. If an external oscillator is used, its output is connected to this pin. XTAL2 VCC O Output of the on-chip inverting oscillator amplifier To use the internal oscillator, a crystal/resonator circuit is connected to this pin. If an external oscillator is used, XTAL2 may be left unconnected. VCC PWR Supply voltage VCC is used to power the internal voltage regulators and internal I/O’s. LI PWR DC/DC input LI must be tied to VCC through an external coil (typically 4, 7 µH) and provide the current for the pump charge of the DC/DC converter. CVCC PWR Card Supply voltage CVCC is the programmable voltage output for the Card interface. It must be connected to an external decoupling capacitor. DVCC PWR Digital Supply voltage DVCC is used to supply the digital core and internal I/Os. It is internally connected to the output of a 3V regulator and must be connected to an external decoupling capacitor. EV CC V CC PWR Extra supply voltage EV CC is used to supply the level shifters of UART interface I/O pins. It must be connected to an external decoupling capacitor. This reference voltage is generated internally (automatically or not), or it can be connected to an external voltage reference. CVSS GND DC/DC ground CVSS is used to sink high shunt currents from the external coil. VSS GND Ground ONLY FOR PLCC52 version Table 1. Ports Description (Continued) Port Signal Name Alternate Internal Power Supply ESD Type Description |
Similar Part No. - T85C5121-ICRIL |
|
Similar Description - T85C5121-ICRIL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |