Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85C5121-ICRIL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T85C5121-ICRIL
Description  8-bit Microcontroller with Multi protocol SMART Card Interface
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T85C5121-ICRIL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T85C5121-ICRIL Datasheet HTML 2Page - ATMEL Corporation T85C5121-ICRIL Datasheet HTML 3Page - ATMEL Corporation T85C5121-ICRIL Datasheet HTML 4Page - ATMEL Corporation T85C5121-ICRIL Datasheet HTML 5Page - ATMEL Corporation T85C5121-ICRIL Datasheet HTML 6Page - ATMEL Corporation T85C5121-ICRIL Datasheet HTML 7Page - ATMEL Corporation T85C5121-ICRIL Datasheet HTML 8Page - ATMEL Corporation T85C5121-ICRIL Datasheet HTML 9Page - ATMEL Corporation T85C5121-ICRIL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
6
T8xC5121
4164E–SCR–02/04
I/O
Input/Output function
P3.4 is a bi-directional I/O port with internal pull-ups.
I
Timer 0 function: External clock input
When Timer 0 operates as a counter, a falling edge on the T0 pin
increments the count.
Z
Reset configuration
High impedance due to PMOS switched OFF
P3.5
CIO1
DVCC
I/O
Alternate card function
Card I/O
I/O
Input/Output function
P3.5 is a bi-directional I/O port with internal pull-ups.
I
Timer 1 function: External clock input
When Timer 1 operates as a counter, a falling edge on the T1 pin
increments the count.
I
Reset configuration
Input (high level due to internal pull-up)
P3.6
CCLK1
LED1
DVCC
O
Alternate card function
Card clock
O
LED function
These pins can be directly connected to the cathode of standard
LED without external current limiting resistors. The typical current
of each output can be programmed by software to 2, 4 or 10 mA
(LEDCON register).
I/O
Input/Output function
P3.6 is a LED port.
I
Reset configuration
Input at high level
P3.7
CRST1
DVCC
O
Alternate card function
Card reset
P3.7
CRST1
LED0
DVCC
O
LED function
These pins can be directly connected to the cathode of standard
LED without external current limiting resistors. The typical current
of each output can be programmed by software to 2, 4 or 10 mA
(LEDCON register).
I/O
Input/Output function
P3.7 is a a LED port.
I
Reset configuration
Input at high level
Table 1. Ports Description (Continued)
Port
Signal
Name
Alternate
Internal
Power
Supply
ESD
Type
Description


Similar Part No. - T85C5121-ICRIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T85C5121-ICRIL ATMEL-T85C5121-ICRIL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
T85C5121-ICRIL ATMEL-T85C5121-ICRIL Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
More results

Similar Description - T85C5121-ICRIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com