Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5110ADADR Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5110ADADR
Description  PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110ADADR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5110ADADR Datasheet HTML 6Page - Texas Instruments TAS5110ADADR Datasheet HTML 7Page - Texas Instruments TAS5110ADADR Datasheet HTML 8Page - Texas Instruments TAS5110ADADR Datasheet HTML 9Page - Texas Instruments TAS5110ADADR Datasheet HTML 10Page - Texas Instruments TAS5110ADADR Datasheet HTML 11Page - Texas Instruments TAS5110ADADR Datasheet HTML 12Page - Texas Instruments TAS5110ADADR Datasheet HTML 13Page - Texas Instruments TAS5110ADADR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TAS5110A
SLES079A – APRIL 2003 – REVISED MAY 2003
www.ti.com
10
RECOMMENDED OPERATING CONDITIONS
(maximum output power = 50 W (RMS), TJ = 25°C)
Thermal Data(1)
MIN
NOM
MAX
UNIT
TJ(SD)
Shutdownjunction temperature
150
°C
TJ(W)
Warning junction temperature
125
°C
TC
Operatingtemperature
Commercial
0
25
70
°C
R
θJC(2) Thermalresistancejunction-to-case
2 oz trace and copper pad without solder
1.6
°C/W
R
θJA(2) Thermalresistancejunction-to-ambient
2 oz. trace and copper pad without solder
44.3
°C/W
(1) One of the most influential components on the thermal performance of a package is board design. In order to take full advantage of the heat
dissipatingabilities of the PowerPAD packages, a board must be used that acts similar to a heat sink and allows for the use of the exposed (and
solderable), deep downset pad. See Appendix A of the PowerPAD Thermally Enhanced Package technical brief, TI literature number SLMA002.
(2) For the DAD package.
RL = 6 Ω to 8 Ω
MIN
NOM
MAX
UNIT
Digital
DVDD to DVSS
3
3.3
3.6
V
PVDDA2 to PVSS
16.5
22
26.5
Supply voltage
Regulator
PVDDB2 to PVSS
16.5
22
26.5
V
yg
Regulator
PVDDA2 to PVSS(1)
10.5
16.5
V
PVDDB2 to PVSS(1)
10.5
16.5
(1) ConnectLDROUTA to PVDDA2 and connect LDROUTB to PVDDB2. Under this condition, the H-bridgeforwardon-stateresistanceisincreased.
This increases internal power dissipation. Maximum output power may need to be reduced to meet thermal conditions.
Maximum Available Power at Common Load Impedances for the DAD Package Unclipped (0 dB) Level(1)
LOAD IMPEDANCE
PVDAA1/PVDDB1
APPROXIMATE MAXIMUM
THD+N AT MAXIMUM POWER
LOAD IMPEDANCE
(
Ω)
PVDAA1/PVDDB1
(VDC)
APPROXIMATE MAXIMUM
OUTPUT POWER (W)
THD+N AT MAXIMUM POWER
AND 1-kHz INPUT(2)
6
27
50
< 10%
6
27
43
< 0.09%
8
27
34
< 0.09%
(1) Dependent on board design and component selection
(2) Test conditions are described in the Thermal Methodology for the 32-Pin DAD Package 50 W, 6-
Ω Test.
STATIC DIGITAL SPECIFICATIONS
RESET, PWDN, PWM_AP, PWM_AM, PWM_BP, PWM_BM, TJ = 25°C, DVDD = 3.3 V
PARAMETERS
MIN
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
Input leakage current
–10
10
µA
ERR0, ERR1, SHUTDOWN, (Open Drain With Internal Pullup Resistor) TJ = 25°C, DVDD = 3.3 V)
PARAMETERS
MIN
MAX
UNIT
Internal pullup resistors from SHUTDOWN, ERR0, ERR1 to DVDD
15
k
VOL
Low-level output voltage (IO = 4 mA)
0.4
V


Similar Part No. - TAS5110ADADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110ADADR TI1-TAS5110ADADR Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5110ADADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com