Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD16HE Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMD16HE
Description  High surge forward current capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD16HE Datasheet(HTML) 3 Page - Micro Commercial Components

  SMD16HE Datasheet HTML 1Page - Micro Commercial Components SMD16HE Datasheet HTML 2Page - Micro Commercial Components SMD16HE Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revision: A
2016/01/09
www.mccsemi.com
3
of 3
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Ordering Information :
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF
Micro Commercial Components
M C C
R


Similar Part No. - SMD16HE

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SMD16 COOPER-SMD16 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Chip Quik Inc.
SMD16 CHIPQUIK-SMD16 Datasheet
171Kb / 2P
   Chip Quik Removal Alloy (16ft. In 30-6.5in. Lengths) leaded
revision 1.0
logo
Shenzhen Luguang Electr...
SMD16.9344M LUGUANG-SMD16.9344M Datasheet
270Kb / 5P
   CRYSTAL UNITS
logo
Chenmko Enterprise Co. ...
SMD16APT CHENMKO-SMD16APT Datasheet
248Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Chip Quik Inc.
SMD16NL CHIPQUIK-SMD16NL Datasheet
171Kb / 2P
   Chip Quik Removal Alloy (16ft. In 30-6.5in. Lengths) lead-free
revision 1.0
More results

Similar Description - SMD16HE

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
   High surge forward current capability
logo
DIOTEC Electronics Corp...
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
   High forward surge current capability
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
   High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
   High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
   High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
   High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
   High forward surge current capability
logo
Mospec Semiconductor
KBU804 MOSPEC-KBU804 Datasheet
177Kb / 2P
   High forward surge current capability
logo
Micro Commercial Compon...
UD4KB05 MCC-UD4KB05 Datasheet
483Kb / 3P
   High surge forward current capability
logo
Mospec Semiconductor
KBP005 MOSPEC-KBP005 Datasheet
184Kb / 2P
   High forward surge current capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com