Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T83C5121XXX-ICSIL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multi protocol SMART Card Interface
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 4Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 5Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 6Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 7Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 8Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 9Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 10Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 11Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
8
T8xC5121
4164E–SCR–02/04
P0[7:0]
AD[7:0]
VCC
I/O
Input/Output function Port 0
P0 is an 8-bit open-drain bi-directional I/O port. Port 0 pins that
have 1s written to them float and can be used as high impedance
inputs. To avoid any parasitic current consumption, Floating P0
inputs must be pulled to VCC or VSS.
I/O
Address/Data low
Mutiplexed Address/Data LSB for external access
P2[7:0]
A[15:8]
VCC
I/O
Input/Output function Port 2
P2 is an 8-bit open-drain bi-directional I/O port with internal pull-ups
O
Address high
Address Bus MSB for external access
P3.6
WR
DVCC
O
Write signal
Write signal asserted during external data memory write operation
P3.7
RD
DVCC
I
Read signal
Read signal asserted during external data memory read operation
ALE
VCC
O
Address latch enable output
The falling edge of ALE strobes the address into external latch
PSEN
PSEN
VCC
O
Program strobe enable
EA
EA
VCC
I
External access enable
This pin must be held low to force the device to fetch code from
external program memory starting at address 0000h. It is latched
during reset and cannot be dynamically changed during operation.
Table 1. Ports Description (Continued)
Port
Signal
Name
Alternate
Internal
Power
Supply
ESD
Type
Description


Similar Part No. - T83C5121XXX-ICSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5121XXX-ICSIL ATMEL-T83C5121XXX-ICSIL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
T83C5121XXX-ICSIL ATMEL-T83C5121XXX-ICSIL Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
More results

Similar Description - T83C5121XXX-ICSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com