Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR860ULPS Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR860ULPS
Description  Lead Free Finish/RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR860ULPS Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR860ULPS Datasheet HTML 1Page - Micro Commercial Components MBR860ULPS Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCC
Revision:
B
20
14/11/27
TM
Micro Commercial Components
www.mccsemi.com
2
of 2
Ordering Information
Device
Packing
Part Number-TP
Tape&Reel: 5Kpcs/Reel
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - MBR860ULPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR860 DIODES-MBR860 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Rugao Dachang Electroni...
MBR860 DACHANG-MBR860 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
MBR860 SAMYANG-MBR860 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
MBR860 BILIN-MBR860 Datasheet
200Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
MBR860 GOOD-ARK-MBR860 Datasheet
348Kb / 7P
   Product Specification
More results

Similar Description - MBR860ULPS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10U45L MCC-MBR10U45L Datasheet
748Kb / 3P
   Lead Free Finish/RoHS Compliant
SS25-TP MCC-SS25-TP Datasheet
223Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) (
TFR602G MCC-TFR602G_13 Datasheet
216Kb / 2P
   Lead Free Finish/RoHS Compliant(Note 1)
MBRX0530-TP MCC-MBRX0530-TP Datasheet
97Kb / 4P
   Lead Free Finish/RoHS Compliant ("P" Suffixdesignates RoHS Compliant. See ordering information)
SS18-TP MCC-SS18-TP Datasheet
208Kb / 3P
   Lead Free Finish/Rohs Compliant (Note1) P Suffix designates
logo
List of Unclassifed Man...
BAS316-TP ETC2-BAS316-TP Datasheet
427Kb / 4P
   Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
DB107-BP ETC2-DB107-BP Datasheet
412Kb / 3P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Micro Commercial Compon...
SK106-TP MCC-SK106-TP Datasheet
299Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
SK34B-TP MCC-SK34B-TP Datasheet
309Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
List of Unclassifed Man...
FS1ME-TP ETC2-FS1ME-TP Datasheet
291Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com