Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC26C32 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC26C32
Description  Quad EIA-422-A Line Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC26C32 Datasheet(HTML) 1 Page - Motorola, Inc

  MC26C32 Datasheet HTML 1Page - Motorola, Inc MC26C32 Datasheet HTML 2Page - Motorola, Inc MC26C32 Datasheet HTML 3Page - Motorola, Inc MC26C32 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC26C32
MOTOROLA
1
Product Preview
Quad EIA-422-A Line Receiver
CMOS
The MC26C32 is a quad differential line receiver designed for digital data
transmission over balanced lines. The MC26C32 meets all the requirements of
standard EIA–422–A while retaining the low–power characteristics of CMOS.
The MC26C32 has an input sensitivity of 200 mV over the common mode
input voltage range of
± 7 V. In addition, each receiver chain has internal
hysteresis circuitry to improve noise margin and discourage output instability for
slowly changing input waveforms.
The MC26C32 is pin compatible with the AM26LS32.
All pins are protected against damage due to electrostatic discharges.
• Typical Power Supply Current: 6 mA
• 2000 V ESD Protection on the Inputs and Outputs
• Typical Propagation Delay: 18 ns
• Typical Input Hysteresis: 75 mV
• Meets the Requirements of Standard EIA–422–A
• Operation from Single 5 V Supply
• High Impedance Mode for Outputs Connected to System Buses
• TTL/CMOS Compatible Outputs
BLOCK DIAGRAM
ENB
ENB
INPUT
D2
INPUT
C2
INPUT
B2
INPUT
A2
OUTPUT
D
OUTPUT
C
OUTPUT
B
OUTPUT
A
VCC
GND
12
4
10
6
14
2
8
16
11
13
5
3
+ –
+ –
+ –
+ –
INPUT
D1
9
7
15
1
INPUT
C1
INPUT
B1
INPUT
A1
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MC26C32/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC26C32
P SUFFIX
PLASTIC DIP
CASE 648
D SUFFIX
SOG PACKAGE
CASE 751B
ORDERING INFORMATION
MC26C32P
Plastic DIP
MC26C32D
SOG Package
16
1
16
1
© Motorola, Inc. 1995
REV 4
10/95


Similar Part No. - MC26C32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C31D MOTOROLA-MC26C31D Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C31P MOTOROLA-MC26C31P Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
More results

Similar Description - MC26C32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com