Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4285CZ9-TBB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IP4285CZ9-TBB
Description  ESD protection for high-speed interfaces
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4285CZ9-TBB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IP4285CZ9-TBB_13 Datasheet HTML 2Page - NXP Semiconductors IP4285CZ9-TBB_13 Datasheet HTML 3Page - NXP Semiconductors IP4285CZ9-TBB_13 Datasheet HTML 4Page - NXP Semiconductors IP4285CZ9-TBB_13 Datasheet HTML 5Page - NXP Semiconductors IP4285CZ9-TBB_13 Datasheet HTML 6Page - NXP Semiconductors IP4285CZ9-TBB_13 Datasheet HTML 7Page - NXP Semiconductors IP4285CZ9-TBB_13 Datasheet HTML 8Page - NXP Semiconductors IP4285CZ9-TBB_13 Datasheet HTML 9Page - NXP Semiconductors IP4285CZ9-TBB_13 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IP4285CZ9-TBB
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 7 April 2014
6 of 12
NXP Semiconductors
IP4285CZ9-TBB
ESD protection for high-speed interfaces
7.
Application information
The device is designed to provide high-level ESD protection for high-speed serial
data buses such as HDMI, DisplayPort, eSATA and LVDS data lines.
When designing the Printed-Circuit Board (PCB), careful consideration should be given to
basic high-speed routing guidelines, impedance matching, and signal coupling. Signal
pins 1 and 2 (4 and 5) can be laid out through not connected pins 9 and 8 (6 and 7)
respectively to avoid the need for vias and stubs.
Basic application diagrams for the ESD protection of an HDMI interface are shown
in Figure 8.
Fig 8.
Application diagram of HDMI ESD protection using IP4285CZ9-TBB
018aaa123
n.c.
CEC
TMDS_D2+
GND
TMDS_GND
TMDS_D1+
TMDS_GND
TMDS_D0+
TMDS_GND
TMDS_CLK+
TMDS_GND
TMDS_CLK–
DDC_CLK
DDC_DAT
GND
+5 V
IP4285CZ9-TBB
IP4221CZ6
TMDS_D1–
TMDS_D2–
TMDS_CH2+
TMDS_CH1+
TMDS_CH1–
TMDS_CH2–
TMDS_CH2+
TMDS_CH1+
TMDS_CH1–
TMDS_CH2–
GND
TMDS_D0–
HDMI
CONNECTOR
IP4285CZ9-TBB
5
4
2
1
3
5
4
2
1
65
4
100 nF
12
3
HOT PLUG DETECTION
3


Similar Part No. - IP4285CZ9-TBB_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB Datasheet
828Kb / 13P
   ESD protection for high-speed interfaces Mobile handsets
Rev. 1-27 May 2011
logo
Nexperia B.V. All right...
IP4285CZ9-TBB NEXPERIA-IP4285CZ9-TBB Datasheet
634Kb / 13P
   ESD protection for high-speed interfaces
Rev. 3 - 7 April 2014
More results

Similar Description - IP4285CZ9-TBB_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
logo
NXP Semiconductors
IP4282CZ6 PHILIPS-IP4282CZ6_15 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
Nexperia B.V. All right...
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS Datasheet
243Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
PESD4USB3UTBR-Q NEXPERIA-PESD4USB3UTBR-Q Datasheet
219Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
PESD4USB5UTBR-Q NEXPERIA-PESD4USB5UTBR-Q Datasheet
219Kb / 11P
   ESD protection for high-speed interfaces
11 August 2022
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com