Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY559X-1500U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY559X-1500U
Description  Damper diode ultra fast, high-voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY559X-1500U Datasheet(HTML) 3 Page - NXP Semiconductors

  BY559X-1500U_15 Datasheet HTML 1Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 2Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 3Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 4Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Damper diode
BY559X-1500U
ultra fast, high-voltage
Fig.1. Definition of Vfr and tfr
Fig.2. Definition of t
rr and Qs
Fig.3. Maximum allowable pulse width t
p versus line
frequency; Basic horizontal deflection circuit.
Fig.4. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.5. Transient thermal impedance Z
th = f(tp)
time
time
V F
V
fr
V F
I
F
10%
5V / 2V
tfr
01
23
4
0
5
10
15
20
IF / A
VF / V
Tj = 25 C
Tj = 125 C
typ
max
100%
time
dI
dt
F
I
R
I
F
trr
25%
Qs
0.001
0.01
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
tp (s)
Zth j- hs (K/W)
Single pulse
tp
D = tp/T
T
P
t
D
10
100
1000
1
10
100
line frequency / kHz
Maximum pulse width / us
V
time
VRRM
width tp
period T
pulse
April 1999
3
Rev 1.100


Similar Part No. - BY559X-1500U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
41Kb / 4P
   Damper diode ultra fast, high-voltage
September 1998 Rev 1.100
More results

Similar Description - BY559X-1500U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
41Kb / 4P
   Damper diode ultra fast, high-voltage
September 1998 Rev 1.100
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com