Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY559X-1500U Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BY559X-1500U
Description  Damper diode ultra fast, high-voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY559X-1500U Datasheet(HTML) 1 Page - NXP Semiconductors

  BY559X-1500U_15 Datasheet HTML 1Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 2Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 3Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 4Page - NXP Semiconductors BY559X-1500U_15 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Damper diode
BY559X-1500U
ultra fast, high-voltage
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 1500 V
• Low forward recovery voltage
• Ultra Fast switching
V
F ≤ 1.5 V
• Soft recovery characteristic
• High thermal cycling performance
V
fr ≤ 8 V
• Low thermal resistance
t
rr ≤ 130 ns
I
FWM = 10 A
I
FSM ≤ 160 A
GENERAL DESCRIPTION
PINNING
SOD113
A double diffused rectifier diode in
PIN
DESCRIPTION
a plastic envelope, featuring ultra
fast forward and reverse recovery
1
cathode
and low forward voltage. The device
is intended for use as a damper
2
anode
diode in
horizontal deflection
circuits of large screen monitors
case
isolated
and workstations in applications up
to 150kHz.
The BY559 series is supplied in the
conventional leaded SOD59 and
SOD113 packages.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
RRM
Peak repetitive reverse voltage
-
1500
V
V
RWM
Crest working reverse voltage
-
1300
V
I
FWM
Peak working forward current
f = 120 kHz;
-
10
A
I
FRM
Peak repetitive forward current
t = 100
µs
-
150
A
I
FSM
Peak non-repetitive forward
t = 10 ms
-
160
A
current
sinusoidal; T
j = 150 ˚C prior to
surge; with reapplied V
RWM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from
f = 50-60 Hz; sinusoidal
-
2500
V
both terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from both terminals f = 1 MHz
-
10
-
pF
to external heatsink
k
a
12
12
case
April 1999
1
Rev 1.100


Similar Part No. - BY559X-1500U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
41Kb / 4P
   Damper diode ultra fast, high-voltage
September 1998 Rev 1.100
More results

Similar Description - BY559X-1500U_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
41Kb / 4P
   Damper diode ultra fast, high-voltage
September 1998 Rev 1.100
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com