Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFN-7026 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # CBT-QFN-7026
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7026 Datasheet(HTML) 3 Page - Ironwood Electronics.

  CBT-QFN-7026 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7026 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7026 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7026 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7026 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.50 Typ.
7.1000
0.23+-
0.07
0.05
0.40±0.10
0.6
0.6
P
9
0.05 Max.
12°
DETAIL P
SCALE 10 : 1
Bottom view
Side view
Top view
Ironwood package code: QFN64A
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible QFN
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. C
DATE: 1/10/2012
Material: N/A
Finish: N/A
Weight: 43.07
CBT-QFN-7026 Drawing
SCALE: 8:1
SHEET: 3 OF 5
ENG: V. Panavala
FILE: CBT-QFN-7026 Dwg
DRAWN BY: D. Hauer


Similar Part No. - CBT-QFN-7026

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7021 IRONWOOD-CBT-QFN-7021 Datasheet
389Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7022 IRONWOOD-CBT-QFN-7022 Datasheet
723Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7023 IRONWOOD-CBT-QFN-7023 Datasheet
323Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7024 IRONWOOD-CBT-QFN-7024 Datasheet
408Kb / 6P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
More results

Similar Description - CBT-QFN-7026

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com