Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP111H181D5 Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP111H181D5
Description  Good Transient Response Low Voltage 500mA LDO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111H181D5 Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP111H181D5 Datasheet HTML 1Page - RICOH electronics devices division RP111H181D5 Datasheet HTML 2Page - RICOH electronics devices division RP111H181D5 Datasheet HTML 3Page - RICOH electronics devices division RP111H181D5 Datasheet HTML 4Page - RICOH electronics devices division RP111H181D5 Datasheet HTML 5Page - RICOH electronics devices division RP111H181D5 Datasheet HTML 6Page - RICOH electronics devices division RP111H181D5 Datasheet HTML 7Page - RICOH electronics devices division RP111H181D5 Datasheet HTML 8Page - RICOH electronics devices division RP111H181D5 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
RP111x
NO.EA-241-150204
5
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN=Set VOUT +1.0V(VOUT >1.5), VIN=2.5V(VOUT
 1.5V), IOUT=1mA, CIN=COUT=1.0μF.
The specifications surrounded by
are guaranteed by Design Engineering at
40°C  Topt  85°C.
RP111xxx1B/D
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Topt=25
C
VOUT ≥ 1.8V
0.992
1.008
V
VOUT < 1.8V
18
18
mV
-40
C  Topt
85
C
VOUT ≥ 1.8V
0.985
1.015
V
VOUT < 1.8V
55
50
mV
IOUT
Output Current
500
mA
VOUT/IOUT Load Regulation
1mA
 IOUT  500mA
1
20
mV
VTRLD
Load Transient
Response
IOUT :1mA⇔250mA
(tr
tf0.5s)
COUT
1F
75
+45
mV
COUT
2.2F
55
+35
IOUT 1mA⇔250mA
(tr
tf5.0s)
COUT
1F
20
+15
VDIF
Dropout Voltage
Please refer to “Dropout Voltage”.
ISS
Supply Current
IOUT
0mA
80
125
A
Istandby
Standby Current
VCE
0V
0.1
1.0
A
VOUT/VIN Line Regulation
Set VOUT
0.5V  VIN  5.25V,
VIN ≥ 1.4V
0.02
0.10
%/V
VTRLN
Input Transient
Response
VIN
Set VOUT0.5V⇔
Set VOUT
1.5V(trtf5.0s),
VIN ≥ 1.4V,IOUT
30mA
1.5
+1.5
mV
RR
Ripple Rejection
f
1kHz,Ripple0.2Vp-p,
VIN
Set VOUT1.0V,IOUT30mA
(VOUT ≤ 2.0V, VIN
3.0V)
75
dB
VIN
Input Voltage
1.4
5.25
V
VOUT/Topt
Output Voltage
Temperature Coefficient 40C  T
opt
 85C
VOUT ≥ 1.8V
30
ppm
/
C
VOUT < 1.8V
100
ISC
Short Current Limit
VOUT
0V
50
mA
IPD
CE Pull-down Current
0.3
0.6
A
VCEH
CE Input Voltage "H"
1.0
V
VCEL
CE Input Voltage "L"
0.4
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
165
C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
100
en
Output Noise
BW
10Hz~100kHz
VOUT ≥ 1.8V
20

VOUT
Vrms
VOUT < 1.8V
40

VOUT


Similar Part No. - RP111H181D5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111H181D5 RICOH-RP111H181D5 Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111H181D5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111X RICOH-RP111X Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
Texas Instruments
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com