Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7515-100A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK7515-100A
Description  TrenchMOS횚 transistor Standard level FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7515-100A Datasheet(HTML) 6 Page - NXP Semiconductors

  BUK7515-100A Datasheet HTML 1Page - NXP Semiconductors BUK7515-100A Datasheet HTML 2Page - NXP Semiconductors BUK7515-100A Datasheet HTML 3Page - NXP Semiconductors BUK7515-100A Datasheet HTML 4Page - NXP Semiconductors BUK7515-100A Datasheet HTML 5Page - NXP Semiconductors BUK7515-100A Datasheet HTML 6Page - NXP Semiconductors BUK7515-100A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7515-100A
Standard level FET
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.19. SOT78 (TO220AB); pin 2 connected to mounting base.
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent
damage to MOS gate oxide.
2. Refer to mounting instructions for SOT78 (TO220) envelopes.
3. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
12 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
December 1998
6
Rev 1.100


Similar Part No. - BUK7515-100A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK7515-100A ISC-BUK7515-100A Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7515-100A NEXPERIA-BUK7515-100A Datasheet
322Kb / 12P
   N-channel TrenchMOS standard level FET
5 April 2014
More results

Similar Description - BUK7515-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7606-55A PHILIPS-BUK7606-55A Datasheet
72Kb / 7P
   TrenchMOS횚 transistor Standard level FET
January 1999 Rev 1.000
BUK9505-30A PHILIPS-BUK9505-30A Datasheet
52Kb / 8P
   TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.100
BUK9506-55A PHILIPS-BUK9506-55A Datasheet
67Kb / 8P
   TrenchMOS횚 transistor Logic level FET
December 1998 Rev 1.100
BUK9635-100A PHILIPS-BUK9635-100A Datasheet
59Kb / 7P
   TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.000
BUK9540-100A PHILIPS-BUK9540-100A Datasheet
77Kb / 9P
   TrenchMOS횚 transistor Logic level FET
December 1999 Rev 1.000
BUK9606-55A PHILIPS-BUK9606-55A Datasheet
73Kb / 7P
   TrenchMOS횚 transistor Logic level FET
January 1999 Rev 1.000
PSMN010-55D PHILIPS-PSMN010-55D Datasheet
100Kb / 9P
   N-channel logic level TrenchMOS횚 transistor
October 1999 Rev 1.200
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com