Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C68-W25I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STK15C68-W25I
Description  8K x 8 AutoStore nvSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK15C68-W25I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK15C68-W25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C68-W25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C68-W25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C68-W25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C68-W25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C68-W25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C68-W25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C68-W25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C68-W25I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STK15C68
4-65
AutoStore™ / POWER-UP RECALL
(Vcc = 5.0V ± 10%)
Note k:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStore™ / POWER UP RECALL
NO.
SYMBOLS
PARAMETER
STK15C68
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power Up RECALL Duration
550
µsk
23
tSTORE
STORE Cycle Duration
10
ms
g
24
tDELAY
Time Allowed to Complete SRAM Cycle
1
µsg
25
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
26
VRESET
e
Low Voltage Reset Level
3.6
V
POWER-UP
RECALL
BROWN OUT
NO STORE DUE TO
NO SRAM WRITES
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
RECALL WHEN
ABOVE VSWITCH
23
24
22
26
25
CC
t
DELAY
DQ
(Data Out)
W
STORE
t
V
TM
5V
AUTOSTORE
POWER UP RECALL
RESET
V
SWITCH
V
RESTORE
t


Similar Part No. - STK15C68-W25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68-WF25 SIMTEK-STK15C68-WF25 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-WF25I SIMTEK-STK15C68-WF25I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-WF35 SIMTEK-STK15C68-WF35 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-WF35I SIMTEK-STK15C68-WF35I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-WF45 SIMTEK-STK15C68-WF45 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK15C68-W25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com