Electronic Components Datasheet Search |
|
RP102K251D Datasheet(PDF) 1 Page - RICOH electronics devices division |
|
RP102K251D Datasheet(HTML) 1 Page - RICOH electronics devices division |
1 / 30 page RP102x SERIES LOW NOISE 300mA LDO REGULATOR NO.EA-141-160705 1 OUTLINE The RP102x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor-net for voltage setting, a current limit circuit and a chip enable circuit. These ICs perform with low dropout voltage and "chip enable" function. The line transient response and load transient response of the RP102x Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment. The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5, DFN(PLP)1820-6, and WLCSP-4-P2, therefore high density mounting of the ICs on boards is possible. FEATURES Supply Current ......................................................Typ. 50A Standby Mode .......................................................Typ. 0.1A Dropout Voltage ....................................................Typ. 0.12V (IOUT300mA, VOUT2.8V) Ripple Rejection....................................................Typ. 80dB (f1kHz) Temperature-Drift Coefficient of Output Voltage ...Typ. ±20ppm/C Line Regulation .....................................................Typ. 0.02%/V Output Voltage Accuracy.......................................0.8% Packages ..............................................................WLCSP-4-P2, DFN(PLP)1820-6, SOT-23-5 Input Voltage Range .............................................1.7V to 5.25V Output Voltage Range...........................................1.2V to 3.3V (0.1V steps) (For other voltages, please refer to MARK INFORMATIONS.) Built-in Fold Back Protection Circuit .....................Typ. 50mA (Current at short mode) Ceramic capacitors are recommended to be used with this IC ......CINCOUT1F or more APPLICATIONS Power source for portable communication equipment. Power source for electrical appliances such as cameras, VCRs and camcorders. Power source for battery-powered equipment. |
Similar Part No. - RP102K251D |
|
Similar Description - RP102K251D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |