Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP102K191B Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP102K191B
Description  LOW NOISE 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102K191B Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP102K191B Datasheet HTML 5Page - RICOH electronics devices division RP102K191B Datasheet HTML 6Page - RICOH electronics devices division RP102K191B Datasheet HTML 7Page - RICOH electronics devices division RP102K191B Datasheet HTML 8Page - RICOH electronics devices division RP102K191B Datasheet HTML 9Page - RICOH electronics devices division RP102K191B Datasheet HTML 10Page - RICOH electronics devices division RP102K191B Datasheet HTML 11Page - RICOH electronics devices division RP102K191B Datasheet HTML 12Page - RICOH electronics devices division RP102K191B Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
RP102x
NO.EA-141-160705
9
RP102x331x
IOUT=1mA
IOUT=30mA
IOUT=50mA
04
3
2
15
0
3.5
2.5
2.0
1.5
3.0
1.0
0.5
Input Voltage VIN (V)
3) Supply Current vs. Input Voltage (CIN
1.0F, C
OUT
1.0F, Topt25C)
RP102x121x
RP102x251x
04
3
2
15
0
60
40
30
20
50
10
Input Voltage VIN (V)
04
3
2
15
0
60
40
30
20
50
10
Input Voltage VIN (V)
RP102x331x
04
3
2
15
0
60
40
30
20
50
10
Input Voltage VIN (V)


Similar Part No. - RP102K191B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102K121-TR RICOH-RP102K121-TR Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP102K121B RICOH-RP102K121B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B5 RICOH-RP102K121B5 Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121D RICOH-RP102K121D Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121D5 RICOH-RP102K121D5 Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP102K191B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com