Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFN-7008 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # CBT-QFN-7008
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7008 Datasheet(HTML) 3 Page - Ironwood Electronics.

  CBT-QFN-7008 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7008 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7008 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7008 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7008 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12.2250±0.1250
SOCKET BASE OUTLINE
12.225±0.125
4X
1.70±0.10 THRU
NON-PLATED HOLE
2X
0.850±0.025 THRU
NON-PLATED HOLE
4.8625
4.8625
4.8625
4.8625
1.40
2.07
0.40
14.5002
14.5002
3.00
1.40
2.05
14.5002
4.9498
2.8625 (x2)
13.4897
G
0.25
0.56
DETAIL G
SCALE 12 : 1
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 3/21/2011
Material: N/A
Finish: N/A
Weight: 15.91
CBT-QFN-7008 Drawing
SCALE: 6:1
SHEET: 3 OF 5
ENG: S. Faiz
FILE: CBT-QFN-7008 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - CBT-QFN-7008

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7000 IRONWOOD-CBT-QFN-7000 Datasheet
136Kb / 5P
   Minimum real estate required
CBT-QFN-7001 IRONWOOD-CBT-QFN-7001 Datasheet
350Kb / 5P
   Compression plate distributes evenly
CBT-QFN-7002 IRONWOOD-CBT-QFN-7002 Datasheet
407Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7003 IRONWOOD-CBT-QFN-7003 Datasheet
289Kb / 4P
   Self inductance 0.88nH
CBT-QFN-7004 IRONWOOD-CBT-QFN-7004 Datasheet
587Kb / 4P
   Excellent signal integrity at high frequencies
More results

Similar Description - CBT-QFN-7008

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com