Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC68401 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC68401
Description  4A Sequencing LDO with Tracking and Ramp Control?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC68401 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC68401 Datasheet HTML 1Page - Micrel Semiconductor MIC68401 Datasheet HTML 2Page - Micrel Semiconductor MIC68401 Datasheet HTML 3Page - Micrel Semiconductor MIC68401 Datasheet HTML 4Page - Micrel Semiconductor MIC68401 Datasheet HTML 5Page - Micrel Semiconductor MIC68401 Datasheet HTML 6Page - Micrel Semiconductor MIC68401 Datasheet HTML 7Page - Micrel Semiconductor MIC68401 Datasheet HTML 8Page - Micrel Semiconductor MIC68401 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC68401
November 7, 2013
4
Revision 1.0
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) .........................................................6V
Enable Input Voltage (VEN)....................−0.3V to VIN + 0.3V
POR (VPOR)........................................................−0.3V to 6V
RC ....................................................................... VIN + 0.3V
Power Dissipation .................................. Internally Limited
(3)
Junction Temperature .........................–
40°C ≤ T
J
≤ +125°C
Storage Temperature (TS)...................–
65°C ≤ T
J
≤ +150°C
ESD Rating
(4) ................................................................. 2kV
Operating Ratings
(2)
Supply voltage (VIN) ....................................... 1.65V to 5.5V
Enable Input Voltage (VEN)..................................... 0V to VIN
POR (VPOR)....................................................... 0V to + 5.5V
Ramp Control (VRC)............................................. 0V to 5.5V
Junction Temperature Range ............–
40°C ≤ T
J
≤ +125°C
Package Thermal Resistance
4mm × 4mm QFN-16 (
θ
JA) ................................ 30°C/W
Electrical Characteristics
(5)
TA = 25°C with VIN = VOUT + 1V; VEN = VIN; IOUT = 10mA; bold values indicate –
40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
10mA < IOUT < IL(MAX), VOUT
+ 1V ≤ VIN ≤ 5.5V
−2
+2
%
Feedback Voltage
Adjustable version only
0.49
0.50
0.51
V
Feedback Current
Adjustable version only
20
nA
Output Voltage Line Regulation
VIN = VOUT + 1V to 5.0V
0.06
0.5
%
Output Voltage Load Regulation
IL = 10mA to 3A
0.5
1
%
VIN – VO; Dropout Voltage
IL = 1.5A
IL = 3.0A
IL = 4.0A
300
360
400
500
800
mV
Ground Pin (GND) Current
IL = 10mA
IL = 1.5A
IL = 3.0A
IL = 4.0A
1.2
20
55
90
130
mA
Ground Pin (GND) Current in
Shutdown
VEN = <0.2V; VOUT = 0V
0.01
10
µA
Current Limit
VOUT = 0V; VIN = 3.0V
4.0
6.0
A
Start-Up Time
VEN = VIN; CRC = Open
35
150
µs
Enable Input
Enable Input Threshold
Regulator enable
Regulator shutdown
1
0.2
V
Enable Hysteresis
20
120
200
mV
Enable Input Current
VIL
≤ 0.2V (Regulator shutdown)
VIH
≥ 1V (Regulator enable)
0.02
3
µA
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA
) / θJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.


Similar Part No. - MIC68401

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68400 MICREL-MIC68400 Datasheet
821Kb / 15P
   4A Sequencing LDO with Tracking and Ramp Control?
MIC68400-1.8YML MICREL-MIC68400-1.8YML Datasheet
1Mb / 15P
   4A Sequencing LDO with Tracking and Ramp Control
MIC68400-18YML MICREL-MIC68400-18YML Datasheet
821Kb / 15P
   4A Sequencing LDO with Tracking and Ramp Control?
MIC68400YML MICREL-MIC68400YML Datasheet
821Kb / 15P
   4A Sequencing LDO with Tracking and Ramp Control?
MIC68400YML MICREL-MIC68400YML Datasheet
1Mb / 15P
   4A Sequencing LDO with Tracking and Ramp Control
More results

Similar Description - MIC68401

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68400 MICREL-MIC68400_09 Datasheet
1Mb / 15P
   4A Sequencing LDO with Tracking and Ramp Control
MIC68400 MICREL-MIC68400 Datasheet
821Kb / 15P
   4A Sequencing LDO with Tracking and Ramp Control?
MIC68200 MICREL-MIC68200 Datasheet
655Kb / 15P
   2A Sequencing LDO with Tracking and Ramp Control
MIC68200 MICREL-MIC68200_11 Datasheet
619Kb / 16P
   2A Sequencing LDO with Tracking and Ramp Control
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021 Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Rev 1; 8/12
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com