Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11500 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11500
Description  Three-Channel, High-Definition Video Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11500 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11500 Datasheet HTML 1Page - Maxim Integrated Products MAX11500 Datasheet HTML 2Page - Maxim Integrated Products MAX11500 Datasheet HTML 3Page - Maxim Integrated Products MAX11500 Datasheet HTML 4Page - Maxim Integrated Products MAX11500 Datasheet HTML 5Page - Maxim Integrated Products MAX11500 Datasheet HTML 6Page - Maxim Integrated Products MAX11500 Datasheet HTML 7Page - Maxim Integrated Products MAX11500 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX11500 integrated three-channel high-definition
(HD) video filter includes input video clamps and output
buffers. This device is ideal for anti-aliasing and DAC
smoothing video applications such as set-top boxes,
hard-disk recorders (HDRs), DVD players, and person-
al video recorders.
The 6th-order channel filters have a typical -3dB band-
width of 33MHz. Each channel has an output buffer with
a gain of +6dB and can drive a full 2VP-P video signal
into one standard 150Ω video load. These buffers can
drive either an AC- or DC-coupled load such that the
blanking level voltage after the backmatch resistor is
less than 1V.
The video inputs feature a transparent clamp for AC-
and DC-coupled input signals. If the input signal does
not go below ground, the input clamp is inactive, thus
enabling DAC outputs to be DC-coupled to the input.
The device operates from a single +5V supply, is offered
in the upper commercial 0°C to +85°C temperature
range, and is available in a small 8-pin SO package.
Applications
High-Definition Set-Top Box Receivers
HD Television Sets
HD Recorders
DVD Players
Personal Video Recorders
Video-On-Demand
Features
♦ Three-Channel 6th-Order Filter for High-Definition
Video
♦ +6dB Output Buffers
♦ Transparent Input Clamps
♦ AC- or DC-Coupled Inputs
♦ AC- or DC-Coupled Outputs
♦ Output Buffers Drive One Standard 150Ω Video
Load
♦ 12kV HBM ESD Protection on Outputs
♦ Single +5V Power Supply
♦ Small 8-Pin SO package
Three-Channel, High-Definition Video Filter
________________________________________________________________
Maxim Integrated Products
1
OUT3
GND
VCC
1
2
8
7
OUT1
OUT2
IN2
IN3
IN1
SO
+
TOP VIEW
3
4
6
5
MAX11500
Pin Configuration
IN1
OUT1
GND
VCC
33MHz
TRANSPARENT
CLAMP
+6dB
IN2
OUT2
33MHz
TRANSPARENT
CLAMP
+6dB
IN3
OUT3
33MHz
TRANSPARENT
CLAMP
+6dB
MAX11500
Typical Operating Circuit
19-3212; Rev 0; 1/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
+
Denotes a lead-free package.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX11500USA+
0°C to +85°C
8 SO
S8-2
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX11500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
130Kb / 6P
   Surface-Mount Components
Rev 0; 8/07
MAX11500EVKIT MAXIM-MAX11500EVKIT Datasheet
130Kb / 6P
   Surface-Mount Components
Rev 0; 8/07
MAX11500EVKIT++ MAXIM-MAX11500EVKIT+ Datasheet
130Kb / 6P
   Surface-Mount Components
Rev 0; 8/07
More results

Similar Description - MAX11500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6363ACSX FAIRCHILD-FMS6363ACSX Datasheet
330Kb / 10P
   Three-Channel 7th-Order High-Definition VoltagePlus??Video Filter Driver
FMS6363_0512 FAIRCHILD-FMS6363_0512 Datasheet
229Kb / 10P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
FMS6363 FAIRCHILD-FMS6363 Datasheet
35Kb / 1P
   Low Cost Three Channel 6th Order High Definition Video Filter Driver
logo
ON Semiconductor
FMS6363 ONSEMI-FMS6363 Datasheet
693Kb / 12P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
July 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6363 FAIRCHILD-FMS6363_08 Datasheet
475Kb / 9P
   Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
   Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
FMS6364A ONSEMI-FMS6364A Datasheet
821Kb / 13P
   Four-Channel Standard- & High-Definition Video Filter Driver
Rev. 3.0.5
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
FMS6143A FAIRCHILD-FMS6143A Datasheet
400Kb / 13P
   Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com