Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDP2000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SDP2000
Description  For cost sensitive HVAC and medical OEM applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP2000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SDP2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.sensirion.com
v5 February 2013
4/10
2
Electrical Specifications
2.1 Power Supply
The SDP1000 / SDP2000 differential pressure
sensors require a stable voltage supply of 5 V.
Influence of the supply voltage variation on the offset
and the sensitivity are given in Table 5.
2.2 Voltage Output
The SDP1000 / SDP2000 features a voltage output
from 0.25 V to 4.0 V (Figure 2, 3). An output voltage
below 0.25 V indicates a negative differential
pressure. This range is not calibrated however.
Exempt from this statement is the SDP1000-L025,
which features a fully bidirectional calibration with 0.2
to 4.0 V output.
The resistive load at the output pin should be larger
than 20 kOhm. The capacitive load at the output pin
must not be larger than 200 pF. If the design shows a
larger capacity at the output pin an additional resistor
is required in series at the output (e.g. 620 Ohm).
Linear output
Formula: P = lfactor * (voltage(1) – 0.250)/3.750
lfactor =
SDP1000-L05 SDP1000-L
SDP2000-L
Pascal
125
500
3500
Inch water
0.5
2
14
(1) voltage: measured output voltage in Volt.
For bi-directional SDP1000-L025
Formular: P=lfactor * (voltage – 2.10)/1.90
lfactor = 62 Pa or 0.25 Inch water
Square Root output
Formula: P = rfactor * (voltage(1) -0.250)^2
rfactor =
SDP1000-R
Pascal
35.55556
Inch water
0.14222
(1) voltage: measured output voltage in Volt.
Figure 2: Linear output at 5 Vdc supply of the SDP1000-L
and the SDP2000-L. The fine lines indicate the
maximum tolerances including a temperature
variation from 0 to 50°C.
Figure 3: Square root extracted output of the SDP1000-R
and the SDP2000-R at 5 Vdc supply. The fine lines
indicate the maximum tolerances including a
temperature variation from 0 to 50°C
.
0.00
1.00
2.00
3.00
4.00
0
20
40
60
80
100
differential pressure [% full scale]
0.00
1.00
2.00
3.00
4.00
0
20
40
60
80
100
differential pressure [% full scale]
SDP1000-L / SDP2000-L
SDP1000-R / SDP2000-R


Similar Part No. - SDP2000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
SDP20S30 INFINEON-SDP20S30 Datasheet
329Kb / 8P
   Silicon Carbide Schottky Diode Switching behavior benchmark
Rev. 1.5 2009-11-25
SDP20S30 INFINEON-SDP20S30_10 Datasheet
329Kb / 8P
   Silicon Carbide Schottky Diode Switching behavior benchmark
Rev. 1.5 2009-11-25
More results

Similar Description - SDP2000

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
CRIO-907X NI-CRIO-907X Datasheet
721Kb / 2P
   Lower cost systems for high-volume OEM applications
logo
E+E Elektronik Ges.m.b....
EE150 EPLUSE-EE150 Datasheet
1Mb / 8P
   Humidity and Temperature Sensor for HVAC Applications
04-2023
logo
Intronics Power, Inc.
AD2010 INTRONICS-AD2010 Datasheet
151Kb / 1P
   Low Cost 3 1/2 Digit DPM for OEM Applications
logo
Analog Devices
AD2015 AD-AD2015_15 Datasheet
929Kb / 2P
   LOW COST 3 1/2 DIGIT DPM FOR OEM APPLICATIONS
REV. A
logo
Sensirion AG Switzerlan...
SEN5X SENSIRION-SEN5X Datasheet
1Mb / 30P
   Environmental Sensor Node for HVAC and Air Quality Applications
Version 2 - D1 - March 2022
logo
Amphenol Corporation
T8700 AMPHENOL-T8700 Datasheet
118Kb / 4P
   Precision humidity and temperature transmitter for HVAC control applications
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
   Air Velocity Transmitter for HVAC Applications
logo
Fluke Corporation
116 FLUKE-116 Datasheet
771Kb / 2P
   Built in thermometer for HVAC applications
logo
E+E Elektronik Ges.m.b....
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
   Air Velocity Sensor for HVAC Applications
02-2023
logo
Hamamatsu Corporation
C9407MA HAMAMATSU-C9407MA Datasheet
219Kb / 5P
   Compact and low cost, OEM model (C9409MA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com