Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDP800 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SDP800
Description  Excellent repeatability, no drift, no offset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP800 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SDP800 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.sensirion.com
Version 0.5 – January 2017
9/14
5.3.5
Entering and Exiting Sleep Mode
In sleep mode the sensor uses the minimum amount of current. The mode can only be entered from idle mode, i.e. when the
sensor is not measuring.
This mode is particularly useful for battery operated devices. To minimize the current in this mode, the complexity of the sleep
mode circuit has been reduced as much as possible, which is mainly reflected by the way the sensor exits the sleep mode.
In sleep mode the sensor cannot be soft reset.
Command
Command code
(Hex)
Consecutive
read
Description
Enter Sleep mode
0x3677
NA
Triggered mode: the sleep command can be sent after the
result have been read out and the sensor is in idle mode.
Continuous mode: the sleep command can be sent after a
stop continuous measurement command has been issued
and is in idle mode.
Exit Sleep mode
NA
NA
The sensor exits the sleep mode and enters the idle mode
when it receives the valid I2C address and a write bit (‘0’).
Note that the I2C address is not acknowledged. It is
necessary to poll the sensor to see whether the sensor has
received the address and has woken up. This should take
maximum 2ms.
5.3.6
Read Product Identifier
During assembly and start-up of the machine it might be required to check some basic parameters in the sensor - for example
to check if the correct sensor is integrated.
The product identifier and serial number can be read out after sending a sequence of two commands.
Command
Command code
Consecutive read
Description
Read product
identifier
0x367C
0xE102
Byte1: Product number [31:24]
Byte2: Product number [23:16]
Byte3: CRC
Byte4: Product number [15:8]
Byte5: Product number [7:0]
Byte6: CRC
Byte7: Serial number [63:56]
Byte8: Serial number [55:48]
Byte9: CRC
Byte10: Serial number [47:40]
Byte11: Serial number [39:32]
Byte12: CRC
Byte13: Serial number [31:24]
Byte14: Serial number [23:16]
Byte15: CRC
Byte16: Serial number [15:8]
Byte17: Serial number [7:0]
Byte18: CRC
Note that both commands need to be preceded
with an I2C write header (I2C address + W).
The second command returns:
-
32 bit unique product and revision
number. The number is listed in the
table below.
Note that the last 8 bits are the revision
number and are subject to change as
long as the datasheet is preliminary.
-
64 bit unique serial number
Product
Product number
SDP800-500Pa
0x03020186
SDP810-500Pa
0x03020A86
SDP800-125Pa
0x03020286
SDP810-125Pa
0x03020B86


Similar Part No. - SDP800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDP800-125PA ETC1-SDP800-125PA Datasheet
715Kb / 14P
   Digital Differential Pressure Sensor Excellent repeatability, no drift, no offset
SDP800-500PA ETC1-SDP800-500PA Datasheet
715Kb / 14P
   Digital Differential Pressure Sensor Excellent repeatability, no drift, no offset
More results

Similar Description - SDP800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDP800-500PA ETC1-SDP800-500PA Datasheet
715Kb / 14P
   Digital Differential Pressure Sensor Excellent repeatability, no drift, no offset
logo
KODENSHI_AUK CORP.
PIC7516 KODENSHI-PIC7516 Datasheet
197Kb / 3P
   Low level offset-voltage drift
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
[Old version datasheet]   Low Offset, Low Drift Operational Amplifier
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
   Low Offset, Low Drift Operational Amplifier
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Analog Devices
ADA4945-1 AD-ADA4945-1 Datasheet
1Mb / 44P
   High Speed Offset Drift Fully Differential ADC Driver
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
   ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com