Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL2101ALAFT Datasheet(PDF) 4 Page - Intersil Corporation

Part # ZL2101ALAFT
Description  6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2101ALAFT Datasheet(HTML) 4 Page - Intersil Corporation

  ZL2101ALAFT Datasheet HTML 1Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 2Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 3Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 4Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 5Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 6Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 7Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 8Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ZL2101
4
FN7730.0
January 23, 2012
31
VR
PWR
Regulated bias from internal 7V low-dropout regulator (return is PGND). Decouple with a 4.7µF capacitor to
PGND.
32
VRA
PWR
Regulated bias from internal 5V low-dropout regulator for internal analog circuitry (return is SGND).
Decouple with a 4.7µF capacitor to SGND.
33
V2P5
PWR
Regulated bias from internal 2.5V low-dropout regulator for internal digital circuitry (return is DGND).
Decouple with a 10µF capacitor.
34
DDC
I/O
Digital-DC Bus (open drain). Interoperability between Zilker Labs devices.
35
MGN
I
Margin pin. Used to enable margining of the output voltage.
36
EN
I
Enable pin. Used to enable the device (active high).
ePad
SGND
PWR
Exposed thermal pad. Common return for analog signals. Connect to low impedance ground plane.
NOTES:
1. I = Input, O = Output, PWR = Power or Ground, M = Multi-mode pins. Please refer to Section “Multi-mode Pins” on page 11.
2. The SYNC pin can be used as a logic pin, a clock input or a clock output.
Pin Descriptions (Continued)
PIN
LABEL
TYPE
(Note 1)
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 4, 5)
PART MARKING
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
ZL2101ALAF
2101
-40 to +85
36 Ld 6mmx6mm QFN
L36.6x6C
ZL2101ALAFT (Note 3)
2101
-40 to +85
36 Ld 6mmx6mm QFN
L36.6x6C
ZL2101ALAFTK (Note 3)
2101
-40 to +85
36 Ld 6mmx6mm QFN
L36.6x6C
ZL2101EVAL1Z
Evaluation Board
NOTES:
3. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ZL2101. For more information on MSL please see techbrief TB363.


Similar Part No. - ZL2101ALAFT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2101ALAFT INTERSIL-ZL2101ALAFT Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Renesas Technology Corp
ZL2101ALAFT RENESAS-ZL2101ALAFT Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Intersil Corporation
ZL2101ALAFTK INTERSIL-ZL2101ALAFTK Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Renesas Technology Corp
ZL2101ALAFTK RENESAS-ZL2101ALAFTK Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
More results

Similar Description - ZL2101ALAFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Intersil Corporation
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2102 INTERSIL-ZL2102_14 Datasheet
940Kb / 58P
   6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
November 20, 2014
logo
Renesas Technology Corp
ZL2102 RENESAS-ZL2102 Datasheet
2Mb / 58P
   6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
logo
Intersil Corporation
ZL2102 INTERSIL-ZL2102 Datasheet
861Kb / 58P
   6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
   6A Digital-DC Synchronous Step-Down DC-DC Converter
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com