Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5N0011 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # E5N0011
Description  125째C DYNAMIC OPERATING LIFE TEST
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

E5N0011 Datasheet(HTML) 5 Page - ATMEL Corporation

  E5N0011 Datasheet HTML 1Page - ATMEL Corporation E5N0011 Datasheet HTML 2Page - ATMEL Corporation E5N0011 Datasheet HTML 3Page - ATMEL Corporation E5N0011 Datasheet HTML 4Page - ATMEL Corporation E5N0011 Datasheet HTML 5Page - ATMEL Corporation E5N0011 Datasheet HTML 6Page - ATMEL Corporation E5N0011 Datasheet HTML 7Page - ATMEL Corporation E5N0011 Datasheet HTML 8Page - ATMEL Corporation E5N0011 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PAGE 5 OF 11
AT-89C52
PLASTIC PACKAGE
150°C RETENTION BAKE
LOT
DATE
SAMPLE
TOTAL
NUMBER
NUMBER
CODE
PKG
SIZE
CKT-HRS(K)
OF FAILURES
4C1521
4C9445
40 PDIP
90
90.0
0
4C1471
4C9441
40 PDIP
180
180.0
0
5C0873
5C9539
44 PLCC
90
90.0
0
5B2672
5C9549
44 PQFP
98
98.0
0
5C2232
5C9547
40 PDIP
78
78.0
0
E5N0011
5N9609
40 PDIP
198
198.0
0
E5N0012
5N9609
40 PDIP
204
204.0
0
6B0606
6B9629
44 PQFP
97
97.0
0
7L6199
7L9728
40 PDIP
90
90.0
0
7M7419
7M9747
40 PDIP
100
100.0
0
7D2904-1
7D9809
40 PDIP
300
300.0
0
7D2904-3
7D9811
44 PLCC
300
300.0
0
7D0457
7D9816
44 PLCC
100
100.0
0
7N8211-2
7N9819
40 PDIP
100
100.0
0
7N8211-1A
7N9820
44 PLCC
100
100.0
0
7D2857
7D9827
44 PLCC
100
100.0
0
9B0302N2
9B9926
44 PLCC
100
100.0
0
0E2704A
0E0019
40 PDIP
98
98.0
0
1E4922-1
1E0122
40 PDIP
50
50.0
0
1E4928-1
1E0121
40 PDIP
50
50.0
0
1E5508
1E0122
40 PDIP
50
50.0
0
1G0215
1G0136
40 PDIP
50
50.0
0
1J3032
1J0208
40 PDIP
120
120.0
0
2H0645
2H0235
40 PDIP
50
50.0
0
3E1871
3E0311
40 PDIP
50
50.0
0
3G2215-1
3G0329
44 PLCC
100
100.0
0
3H5470-1
3H0346
40 PDIP
206
206.0
0
3H4406-1
3H0346
40 PDIP
209
209.0
0
3H3137-1
3H0329
40 PDIP
200
200.0
0
5H2255A
5H0544
40 PDIP
100
100.0
0


Similar Part No. - E5N0011

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
E5NE60C WXDH-E5NE60C Datasheet
1Mb / 13P
   4.5A 600V N-channel Enhancement Mode Power MOSFET
E5NE60C WXDH-E5NE60C Datasheet
1Mb / 13P
   4.5A 600V N-channel Enhancement Mode Power MOSFET
E5NE60C WXDH-E5NE60C Datasheet
1Mb / 13P
   4.5A 600V N-channel Enhancement Mode Power MOSFET
E5NE60C WXDH-E5NE60C Datasheet
1Mb / 13P
   4.5A 600V N-channel Enhancement Mode Power MOSFET
E5NE60C WXDH-E5NE60C Datasheet
1Mb / 13P
   4.5A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - E5N0011

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT-89S8252 ATMEL-AT-89S8252 Datasheet
15Kb / 5P
   125째C DYNAMIC LIFETEST (PLASTIC)
logo
PARA LIGHT ELECTRONICS ...
EP501BL004W PARALIGHT-EP501BL004W Datasheet
186Kb / 12P
   Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
   Long operating life.
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
   Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
   Long operating life.
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
   Long operating life.
EP501IR1L015W PARALIGHT-EP501IR1L015W Datasheet
149Kb / 12P
   Long operating life.
EP501W1L053WS PARALIGHT-EP501W1L053WS Datasheet
186Kb / 12P
   Long operating life.
EP501RL003W PARALIGHT-EP501RL003W Datasheet
236Kb / 12P
   Long operating life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com