Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5C2232 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # 5C2232
Description  125째C DYNAMIC OPERATING LIFE TEST
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5C2232 Datasheet(HTML) 1 Page - ATMEL Corporation

  5C2232 Datasheet HTML 1Page - ATMEL Corporation 5C2232 Datasheet HTML 2Page - ATMEL Corporation 5C2232 Datasheet HTML 3Page - ATMEL Corporation 5C2232 Datasheet HTML 4Page - ATMEL Corporation 5C2232 Datasheet HTML 5Page - ATMEL Corporation 5C2232 Datasheet HTML 6Page - ATMEL Corporation 5C2232 Datasheet HTML 7Page - ATMEL Corporation 5C2232 Datasheet HTML 8Page - ATMEL Corporation 5C2232 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAGE 1 OF 11
ATMEL CORPORATION
Tel: (408) 441-0311
Fax: (408) 436-4200
AT-89C52 CMOS FLASH MICRO CONTROLLER RELIABILITY DATA*
- 125°C DYNAMIC OPERATING LIFE TEST
- 200°C RETENTION BAKE
- 125°C DYNAMIC OPERATING LIFE TEST (PLASTIC)
- 125°C RETENTION BAKE (PLASTIC)
- 15 PSIG PRESSURE POT
- 85°C/85% RELATIVE HUMIDITY OPERATING LIFE TEST
- EXTENDED TEMPERATURE CYCLING
- EXTENDED THERMAL SHOCK
- 131°C/85% RELATIVE HUMIDITY HAST TEST
*This report was generated from AT-89C52 reliability testing.
This data is applicable to the following device types due to same
technology grouping as defined on MIL-M-38535 Appendix A:
AT-89C51
OCTOBER 2006
2325 Orchard Parkway San Jose CA. 95131


Similar Part No. - 5C2232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5C20C0G104J050B ETC-5C20C0G104J050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
5C20C0G104J050R ETC-5C20C0G104J050R Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
5C20C0G104K050B ETC-5C20C0G104K050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
5C20C0G104K050R ETC-5C20C0G104K050R Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
5C20C0G104M050B ETC-5C20C0G104M050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
More results

Similar Description - 5C2232

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT-89S8252 ATMEL-AT-89S8252 Datasheet
15Kb / 5P
   125째C DYNAMIC LIFETEST (PLASTIC)
logo
PARA LIGHT ELECTRONICS ...
EP501BL004W PARALIGHT-EP501BL004W Datasheet
186Kb / 12P
   Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
   Long operating life.
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
   Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
   Long operating life.
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
   Long operating life.
EP501IR1L015W PARALIGHT-EP501IR1L015W Datasheet
149Kb / 12P
   Long operating life.
EP501W1L053WS PARALIGHT-EP501W1L053WS Datasheet
186Kb / 12P
   Long operating life.
EP501RL003W PARALIGHT-EP501RL003W Datasheet
236Kb / 12P
   Long operating life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com