Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LECWE2A-KZMZ-N3P5 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LECWE2A-KZMZ-N3P5
Description  Lighting without Optics
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWE2A-KZMZ-N3P5 Datasheet(HTML) 5 Page - OSRAM GmbH

  LECWE2A-KZMZ-N3P5 Datasheet HTML 1Page - OSRAM GmbH LECWE2A-KZMZ-N3P5 Datasheet HTML 2Page - OSRAM GmbH LECWE2A-KZMZ-N3P5 Datasheet HTML 3Page - OSRAM GmbH LECWE2A-KZMZ-N3P5 Datasheet HTML 4Page - OSRAM GmbH LECWE2A-KZMZ-N3P5 Datasheet HTML 5Page - OSRAM GmbH LECWE2A-KZMZ-N3P5 Datasheet HTML 6Page - OSRAM GmbH LECWE2A-KZMZ-N3P5 Datasheet HTML 7Page - OSRAM GmbH LECWE2A-KZMZ-N3P5 Datasheet HTML 8Page - OSRAM GmbH LECWE2A-KZMZ-N3P5 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Preliminary
LE CW E2A
2006-10-16
5
Farbortgruppen
5)
Seite 18
Chromaticity coordinate groups
5)
page 18
Group
warm white
Gruppe
(min.)
(max.)[
H3
0.3479
0.3318
H4
0.3499
0.3479
H3
0.3499
0.3479
H5
0.3516
0.3645
H4
0.3519
0.3645
H5
0.3539
0.3805
H3
0.3603
0.3412
J3
0.3603
0.3412
H3
0.3637
0.3581
J3
0.3637
0.3581
H4
0.3637
0.3581
OHA02934
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.24
480
460
470
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
K3
H4
3500 K
H3
4200 K
J3
L5
H5
L4
J5
J4
L3
K4
K5
N5
2700 K
Q3
P3
3000 K
M3
N3
N4
M4
M5
P4
R3
Q4 R4
P5
Q5
R5


Similar Part No. - LECWE2A-KZMZ-N3P5

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECWE2B OSRAM-LECWE2B Datasheet
849Kb / 19P
   OSTAR짰 - Lighting
More results

Similar Description - LECWE2A-KZMZ-N3P5

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECWE3A OSRAM-LECWE3A Datasheet
722Kb / 19P
   Lighting without Optics
LEUWE3B OSRAM-LEUWE3B Datasheet
662Kb / 17P
   Lighting with Optics
LECWE3B OSRAM-LECWE3B Datasheet
853Kb / 19P
   Lighting with Optics (silicone)
SFH-4750 OSRAM-SFH-4750 Datasheet
289Kb / 7P
   OSTAR짰 - Lighting IR 6-fold with Optics (850nm)
SFH-4751 OSRAM-SFH-4751 Datasheet
290Kb / 7P
   OSTAR짰 - Lighting IR 6-fold with Optics (940nm)
SFH4750 OSRAM-SFH4750 Datasheet
161Kb / 8P
   OSRAM OSTAR - Lighting IR 6-fold with Optics (850nm)
logo
Dialight Corporation
12284CB DIALIGHT-12284CB Datasheet
274Kb / 2P
   VEHICLE SPOT LIGHT (WITH AND WITHOUT OPTICS)
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com