Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A5380 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65111A5380
Description  Outdoor lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A5380 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65111A5380 Datasheet HTML 6Page - OSRAM GmbH Q65111A5380 Datasheet HTML 7Page - OSRAM GmbH Q65111A5380 Datasheet HTML 8Page - OSRAM GmbH Q65111A5380 Datasheet HTML 9Page - OSRAM GmbH Q65111A5380 Datasheet HTML 10Page - OSRAM GmbH Q65111A5380 Datasheet HTML 11Page - OSRAM GmbH Q65111A5380 Datasheet HTML 12Page - OSRAM GmbH Q65111A5380 Datasheet HTML 13Page - OSRAM GmbH Q65111A5380 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2015-03-02
10
Version 1.1
GW MAEGB1.EM
Relative Forward Voltage 6) page 19
Relative Vorwärtsspannung 6) Seite 19
ΔVF = VF - VF(85 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 6) page 19
Relativer Lichtstrom 6) Seite 19
ΦVV(85 °C) = f(Tj); IF = 350 mA
Chromaticity Coordinate Shift 6) page 19
Farbortverschiebung 6) Seite 19
Cx, Cy = f(Tj); IF = 350 mA
GW MAEGB1.xM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
∆V
F [V]
GW MAEGB1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φ
v
Φ
v(85°C)
GW MAEGB1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.40
0.41
0.42
0.43
0.44
Cx
Cy
: Cx
: Cy


Similar Part No. - Q65111A5380

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A5310 OSRAM-Q65111A5310 Datasheet
365Kb / 13P
   High Power Infrared Emitter (850 nm)
logo
ams AG
Q65111A5310 AMSCO-Q65111A5310 Datasheet
764Kb / 17P
   Chip LED Lens High Power Infrared Emitter (850 nm)
Version 1.5 2021-09-30
logo
OSRAM GmbH
Q65111A5376 OSRAM-Q65111A5376 Datasheet
367Kb / 13P
   High Power Infrared Emitter (850 nm)
More results

Similar Description - Q65111A5380

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP9LT31.PM OSRAM-GWP9LT31.PM Datasheet
2Mb / 24P
   Outdoor lighting
GWP9LR31.PM OSRAM-GWP9LR31.PM Datasheet
1Mb / 24P
   Outdoor lighting
logo
Level One
ANA-6101 LVL1-ANA-6101 Datasheet
270Kb / 2P
   6GHz Outdoor Lighting Arrestor
logo
OSRAM GmbH
LTH9GP OSRAM-LTH9GP Datasheet
630Kb / 21P
   Architectural Lighting indoor and outdoor
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
   Architectural Lighting indoor and outdoor
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
   Architectural Lighting indoor and outdoor
LYH9GP OSRAM-LYH9GP Datasheet
689Kb / 21P
   Architectural Lighting indoor and outdoor
LSH9PP-HYJY-1-1 OSRAM-LSH9PP-HYJY-1-1 Datasheet
728Kb / 22P
   Architectural Lighting indoor and outdoor
KRDMLS31.23 OSRAM-KRDMLS31.23 Datasheet
732Kb / 22P
   Architectural Lighting indoor and outdoor
logo
List of Unclassifed Man...
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com