Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LETG3W-MANA-25 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LETG3W-MANA-25
Description  Lead (Pb) Free Product - RoHS Compliant
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETG3W-MANA-25 Datasheet(HTML) 4 Page - OSRAM GmbH

  LETG3W-MANA-25 Datasheet HTML 1Page - OSRAM GmbH LETG3W-MANA-25 Datasheet HTML 2Page - OSRAM GmbH LETG3W-MANA-25 Datasheet HTML 3Page - OSRAM GmbH LETG3W-MANA-25 Datasheet HTML 4Page - OSRAM GmbH LETG3W-MANA-25 Datasheet HTML 5Page - OSRAM GmbH LETG3W-MANA-25 Datasheet HTML 6Page - OSRAM GmbH LETG3W-MANA-25 Datasheet HTML 7Page - OSRAM GmbH LETG3W-MANA-25 Datasheet HTML 8Page - OSRAM GmbH LETG3W-MANA-25 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2010-03-03
4
LE A G3W, LE T G3W, LE B G3W
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
amber
true
green
blue
Wellenlänge des emittierten Lichtes
Wavelength at peak emission
(typ.)
I
F = 1 A
λ
peak
627
516
460
nm
Dominantwellenlänge
3) Seite 19
(min.)
Dominant wavelength
3) page 19
(typ.)
I
F = 1 A
(max.)
λ
dom
λ
dom
λ
dom
611
617
625
509
520
533
456
464
469
nm
nm
nm
Spektrale Bandbreite bei 50 %
Ι
Vrel max
Spectral bandwidth at 50 %
Ι
Vrel max
(typ.)
I
F = 1 A
Δλ
26
44
30
nm
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120
Grad
deg.
Durchlassspannung pro Chip
4) Seite 19
(min.)
Forward voltage per chip
4) page 19
(typ.)
I
F = 1 A
(max.)
V
F
V
F
V
F
2.25
2.8
3.85
3.1
3.8
4.65
V
V
V
Optischer Wirkungsgrad
Optical efficiency
(typ.)
I
F = 1 A
η
opt
28
30
7
lm/W
Abstrahlende Fläche
(typ.)
Radiating Surface
A
Color
3.2 x 2.1
mm²
Leuchtdichte
Luminance
(typ.)
I
F = 1 A
L
V
26*10
6
41*10
6
9*10
6
cd/m²
Partieller Lichtfluss
Partial flux
(typ.)
acc. CIE 127:2007
Φ
LED, 120
0.82 x
Φ
LED, 180
lm
Wärmewiderstand des gesamten Moduls
Thermal resistance of the module
Sperrschicht / Bodenplatte
Junction / base plate
R
th JB
2.0 (typ.)
K/W


Similar Part No. - LETG3W-MANA-25

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LET LITTELFUSE-LET Datasheet
642Kb / 4P
   In-Line Watertight Fuse Holders
LET-AA LITTELFUSE-LET-AA Datasheet
1Mb / 6P
   IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LET-AA-S LITTELFUSE-LET-AA-S Datasheet
1Mb / 6P
   IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LET-AB LITTELFUSE-LET-AB Datasheet
1Mb / 6P
   IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LET-AB-S LITTELFUSE-LET-AB-S Datasheet
1Mb / 6P
   IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
More results

Similar Description - LETG3W-MANA-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com