Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LETG3W Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LETG3W
Description  Lead (Pb) Free Product - RoHS Compliant
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LETG3W Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LETG3W Datasheet HTML 7Page - OSRAM GmbH LETG3W Datasheet HTML 8Page - OSRAM GmbH LETG3W Datasheet HTML 9Page - OSRAM GmbH LETG3W Datasheet HTML 10Page - OSRAM GmbH LETG3W Datasheet HTML 11Page - OSRAM GmbH LETG3W Datasheet HTML 12Page - OSRAM GmbH LETG3W Datasheet HTML 13Page - OSRAM GmbH LETG3W Datasheet HTML 14Page - OSRAM GmbH LETG3W Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LE A G3W, LE T G3W, LE B G3W
2010-03-03
11
Relative Lichtstärke
2) Seite 19
Relative Luminous Intensity
2) page 19
Ι
V/ΙV(25 °C) = f (Tj); IF = 1 A; LE A G3W
Relative Lichtstärke
2) Seite 19
Relative Luminous Intensity
2) page 19
Ι
V/ΙV(25 °C) = f (Tj); IF = 1 A; LE B G3W
Relative Lichtstärke
2) Seite 19
Relative Luminous Intensity
2) page 19
Ι
V/ΙV(25 °C) = f (Tj); IF = 1 A; LE T G3W
-40
0
V (25 ˚C)
I
I
V
T
j
OHL03742
˚C
-20
0
20 40 60 80
120
0.2
0.4
0.6
0.8
1.0
1.2
1.6
-40
0
V (25 ˚C)
I
I
V
T
j
OHL03744
˚C
-20
0
20 40 60 80
120
0.2
0.4
0.6
0.8
1.0
1.2
1.6
-40
0
V (25 ˚C)
I
I
V
T
j
OHL03743
˚C
-20
0
20 40 60 80
120
0.2
0.4
0.6
0.8
1.0
1.2
1.6


Similar Part No. - LETG3W

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LET LITTELFUSE-LET Datasheet
642Kb / 4P
   In-Line Watertight Fuse Holders
LET-AA LITTELFUSE-LET-AA Datasheet
1Mb / 6P
   IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LET-AA-S LITTELFUSE-LET-AA-S Datasheet
1Mb / 6P
   IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LET-AB LITTELFUSE-LET-AB Datasheet
1Mb / 6P
   IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
LET-AB-S LITTELFUSE-LET-AB-S Datasheet
1Mb / 6P
   IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
More results

Similar Description - LETG3W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com