Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADBL-A321 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # ADBL-A321
Description  Optical Finger Navigation Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADBL-A321 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button ADBL-A321 Datasheet HTML 7Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 8Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 9Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 10Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 11Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 12Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 13Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 14Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
PixArt Imaging Inc.
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 |22 Jan 2016 | 11010AEN
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25° C, VDD=VDDIO=1.8V at
default LED setting 13 mA.
Parameter
Symbol
Minimum
Typical
Maximum Units Notes
VDDIO DC Supply
Current
I VDDIO
20
µA
Digital peak supply
current
IPEAK VDD
10
mA
LED+ peak supply
current
IPEAK LED+
35
mA
At LED register setting of 27 mA
Input Low Voltage
VIL
-0.05
0
VDDIO
*0.35
V
IO_MOSI_A0, IO_CLK,
IO_MISO_SDA, IO_NCS_A1,
NRST, SHTDWN, IO_SELECT
Input High Voltage
VIH
VDDIO
* 0.7
VDDIO
VDDIO
+0.05
V
IO_MOSI_A0, IO_CLK,
IO_MISO_SDA, IO_NCS_A1,
NRST, SHTDWN, IO_SELECT
Input hysteresis
VHYS
100
mV
Input leakage current
Ileak
±1
±10
A
IO_MOSI_A0, IO_CLK,
IO_MISO_SDA, IO_NCS_A1,
NRST, SHTDWN, IO_SELECT
Output Low Voltage
VOL
0.2
V
Iout = 1.2 mA
Output High Voltage
VOH
VDDIO-0.2 VDDIO-0.1
V
Iout = 600 A
Input Capacitance
Cin
10
pF
MOSI, NCS, SCLK, SHTDWN


Similar Part No. - ADBL-A321

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADBL-A321 AVAGO-ADBL-A321 Datasheet
392Kb / 4P
   Optical Finger Navigation Lens
More results

Similar Description - ADBL-A321

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
logo
AVAGO TECHNOLOGIES LIMI...
ADBS-A320 AVAGO-ADBS-A320 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 AVAGO-ADBM-A350 Datasheet
542Kb / 55P
   Optical Finger Navigation
ADBL-A321 AVAGO-ADBL-A321 Datasheet
392Kb / 4P
   Optical Finger Navigation Lens
logo
Pixart Imaging Inc.
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
logo
STMicroelectronics
VD5377 STMICROELECTRONICS-VD5377 Datasheet
2Mb / 88P
   Ultra-low power motion sensor for optical finger navigation (OFN)
February 2013 Rev 2
logo
AVAGO TECHNOLOGIES LIMI...
ADBS-A350 AVAGO-ADBS-A350 Datasheet
990Kb / 60P
   Optical Finger Navigation High speed motion detection up to 20 ips
ADNS-5700 AVAGO-ADNS-5700 Datasheet
310Kb / 41P
   Optical navigation technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com