Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LCX16245V Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74LCX16245V
Description  Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LCX16245V Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74LCX16245V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LCX16245V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LCX16245V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LCX16245V Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LCX16245V Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LCX16245V Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS2088B
09/19/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LCX16245
3.3V 16-Bit Bidirectional Transceiver
Switching Characteristics over Operating Range
Notes:
1. Skew between any two outputs, of the same package, switching in the same direction.
DynamicSwitchingCharacteristics (TA=+25°C)
Note:
1. Measured with n–1 outputs switching from High-to-Low or Low-to-High. The remaining output is measured in the LOW state.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
VCC
V
3
.
0
±
V
3
.
3
=VCC
V
7
.
2
=
s
t
i
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
DXX
O
o
t
XX
CL
F
p
0
5
=
RL
0
0
5
=
5
.
15
.
45
.
12
.
5
s
n
t H
Z
P
t L
Z
P
e
m
it
e
l
b
a
n
E
t
u
p
t
u
O5
.
15
.
65
.
12
.
7
t Z
H
P
t Z
L
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O5
.
14
.
65
.
19
.
6
t
)
O
(
K
S
w
e
k
S
t
u
p
t
u
O
)
1
(
0
.
1

s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
p
y
Ts
t
i
n
U
V P
L
O
e
g
a
tl
o
V
k
a
e
P
W
O
L
c
i
m
a
n
y
D
V C
C
C
,
V
3
.
3
=
L
F
p
0
5
=
V H
I
V
,
V
3
.
3
=
L
I
V
0
=
8
.
0V
V V
L
O
e
g
a
tl
o
V
y
e
ll
a
V
W
O
L
c
i
m
a
n
y
D


Similar Part No. - PI74LCX16245V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244A PERICOM-PI74LCX16244A Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244V PERICOM-PI74LCX16244V Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
More results

Similar Description - PI74LCX16245V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
   Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
   Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX245 PERICOM-PI74LCX245 Datasheet
86Kb / 4P
   Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT2Q245 PERICOM-PI74LPT2Q245 Datasheet
72Kb / 4P
   Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com