Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114GUA Datasheet(PDF) 1 Page - Rohm

Part # DTC114GUA
Description  NPN 100mA 50V Digital Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114GUA Datasheet(HTML) 1 Page - Rohm

  DTC114GUA Datasheet HTML 1Page - Rohm DTC114GUA Datasheet HTML 2Page - Rohm DTC114GUA Datasheet HTML 3Page - Rohm DTC114GUA Datasheet HTML 4Page - Rohm DTC114GUA Datasheet HTML 5Page - Rohm DTC114GUA Datasheet HTML 6Page - Rohm DTC114GUA Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DTC114GUA
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-323
 
VCEO
50V
SC-70
 
 
IC
100mA
 
 
 
 
R
10kΩ
 
 
 
 
(UMT3)
 
                     
l
lFeatures
l
lInner circuit
1) Built-In Biasing Resistors, R = 10kΩ
2) Complementary PNP Types: DTA114GUA
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC114GUA
SOT-323
(UMT3)
2021
T106
180
8
3000
K24
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/4
20160426 - Rev.002


Similar Part No. - DTC114GUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114GUA ROHM-DTC114GUA Datasheet
48Kb / 3P
   Digital transistors (built-in resistor)
DTC114GUA ROHM-DTC114GUA Datasheet
48Kb / 1P
   Digital Transistors (Built-in Resistor)
DTC114GUA ROHM-DTC114GUA Datasheet
140Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
DTC114GUA ROHM-DTC114GUA Datasheet
901Kb / 6P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC114GUA ROHM-DTC114GUA Datasheet
901Kb / 6P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC114GUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com