Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC015TEB Datasheet(PDF) 3 Page - Rohm

Part # DTC015TEB
Description  NPN 100mA 50V Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC015TEB Datasheet(HTML) 3 Page - Rohm

  DTC015TEB Datasheet HTML 1Page - Rohm DTC015TEB Datasheet HTML 2Page - Rohm DTC015TEB Datasheet HTML 3Page - Rohm DTC015TEB Datasheet HTML 4Page - Rohm DTC015TEB Datasheet HTML 5Page - Rohm DTC015TEB Datasheet HTML 6Page - Rohm DTC015TEB Datasheet HTML 7Page - Rohm DTC015TEB Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DTC015T series
 
               
Datasheet
l
lElectrical characteristic curves (Ta =25°C)
Fig.1 Grounded emitter propagation characteristics
Fig.2 Grounded emitter output characteristics
Fig.3 DC Current gain vs. Collector Current
Fig.4 Collector-emitter saturation voltage vs.
Collector Current
                                                                                           
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
3/6
20121023 - Rev.001


Similar Part No. - DTC015TEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC015E ROHM-DTC015E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC015EEB ROHM-DTC015EEB Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC015EM ROHM-DTC015EM Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC015EUB ROHM-DTC015EUB Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC015TEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com