Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB523Y Datasheet(PDF) 5 Page - Rohm

Part # DTB523Y
Description  500mA/-12V Low VCE(sat)Digital transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB523Y Datasheet(HTML) 5 Page - Rohm

  DTB523Y Datasheet HTML 1Page - Rohm DTB523Y Datasheet HTML 2Page - Rohm DTB523Y Datasheet HTML 3Page - Rohm DTB523Y Datasheet HTML 4Page - Rohm DTB523Y Datasheet HTML 5Page - Rohm DTB523Y Datasheet HTML 6Page - Rohm DTB523Y Datasheet HTML 7Page - Rohm DTB523Y Datasheet HTML 8Page - Rohm DTB523Y Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DTB523Y series
           
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
5/6
20150925 - Rev.002


Similar Part No. - DTB523Y

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB523YE ROHM-DTB523YE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE Datasheet
163Kb / 3P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE_10 Datasheet
163Kb / 3P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YM ROHM-DTB523YM Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YM ROHM-DTB523YM Datasheet
163Kb / 3P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
More results

Similar Description - DTB523Y

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB543Z ROHM-DTB543Z Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistor
DTB513Z ROHM-DTB513Z Datasheet
1Mb / 10P
   -500mA/-12V Low VCE(sat)Digital transistor
DTB543E ROHM-DTB543E Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat) Digital transistor
DTB543X ROHM-DTB543X Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistor
DTD523YE ROHM-DTD523YE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543XE ROHM-DTD543XE_1 Datasheet
108Kb / 3P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD513ZE ROHM-DTD513ZE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543XE ROHM-DTD543XE Datasheet
65Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE_10 Datasheet
163Kb / 3P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com