Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB113ZK Datasheet(PDF) 5 Page - Rohm

Part # DTB113ZK
Description  500mA/-50V Digital transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB113ZK Datasheet(HTML) 5 Page - Rohm

  DTB113ZK Datasheet HTML 1Page - Rohm DTB113ZK Datasheet HTML 2Page - Rohm DTB113ZK Datasheet HTML 3Page - Rohm DTB113ZK Datasheet HTML 4Page - Rohm DTB113ZK Datasheet HTML 5Page - Rohm DTB113ZK Datasheet HTML 6Page - Rohm DTB113ZK Datasheet HTML 7Page - Rohm DTB113ZK Datasheet HTML 8Page - Rohm DTB113ZK Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DTB113ZK
 
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
5/5
20150821 - Rev.002


Similar Part No. - DTB113ZK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB113ZK ROHM-DTB113ZK Datasheet
66Kb / 3P
   Digital transistors (built-in resistors)
DTB113ZK ROHM-DTB113ZK Datasheet
336Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTB113ZK ROHM-DTB113ZK Datasheet
162Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTB113ZKFRA ROHM-DTB113ZKFRA Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistors)
DTB113ZKT146 ROHM-DTB113ZKT146 Datasheet
336Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTB113ZK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
DTD114EC ROHM-DTD114EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTB113EK ROHM-DTB113EK_15 Datasheet
918Kb / 9P
   -500mA/-50V Digital transistor
DTB114GK ROHM-DTB114GK_15 Datasheet
821Kb / 8P
   -500mA/-50V Digital transistor
DTD143EC ROHM-DTD143EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTD113ZC ROHM-DTD113ZC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTB143EK ROHM-DTB143EK_15 Datasheet
1Mb / 7P
   -500mA/-50V Digital transistor
DTD113ZU ROHM-DTD113ZU Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTD114EK ROHM-DTD114EK_16 Datasheet
1Mb / 8P
   500mA/50V Digital transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com