Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A7456 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # Q65111A7456
Description  Indoor General Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A7456 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button Q65111A7456 Datasheet HTML 5Page - OSRAM GmbH Q65111A7456 Datasheet HTML 6Page - OSRAM GmbH Q65111A7456 Datasheet HTML 7Page - OSRAM GmbH Q65111A7456 Datasheet HTML 8Page - OSRAM GmbH Q65111A7456 Datasheet HTML 9Page - OSRAM GmbH Q65111A7456 Datasheet HTML 10Page - OSRAM GmbH Q65111A7456 Datasheet HTML 11Page - OSRAM GmbH Q65111A7456 Datasheet HTML 12Page - OSRAM GmbH Q65111A7456 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Version 1.2
GW KAHNB1.CM
2015-04-10
9
Forward Current 6) page 18 , 7) page 18
Durchlassstrom 6) Seite 18 , 7) Seite 18
IF = f (VF); TS = 85 °C
Relative Luminous Flux 6) page 18 , 7) page 18
Relativer Lichtstrom 6) Seite 18 , 7) Seite 18
ΦVV(1050 mA) = f(IF); TS = 85 °C
Chromaticity Coordinate Shift 6) page 18
Farbortverschiebung 6) Seite 18
Cx, Cy = f(IF); TS = 85 °C
GW KAHNB1.CM
36
38
40
42
44
46
48
VF [V]
0
200
400
600
800
1000
1200
1400
IF [mA]
GW KAHNB1.EM
0
20
0
40
0
60
0
80
0
10
00
12
00
14
00
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Φ
V
Φ
V(1050mA)
GW KAHNB1.CM
0
20
0
40
0
60
0
80
0
10
00
12
00
14
00
IF [mA]
0,40
0,41
0,42
0,43
0,44
Cx
Cy
: Cx -
: Cy -


Similar Part No. - Q65111A7456

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A7450 OSRAM-Q65111A7450 Datasheet
617Kb / 19P
   Indoor General Lighting
Q65111A7451 OSRAM-Q65111A7451 Datasheet
617Kb / 19P
   Indoor General Lighting
Q65111A7452 OSRAM-Q65111A7452 Datasheet
617Kb / 19P
   Indoor General Lighting
Q65111A7453 OSRAM-Q65111A7453 Datasheet
617Kb / 19P
   Indoor General Lighting
Q65111A7454 OSRAM-Q65111A7454 Datasheet
617Kb / 19P
   Indoor General Lighting
More results

Similar Description - Q65111A7456

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com