Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA2543AN-22-21856 Datasheet(PDF) 1 Page - ORION FANS

Part # OA2543AN-22-21856
Description  AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA2543AN-22-21856 Datasheet(HTML) 1 Page - ORION FANS

  OA2543AN-22-21856 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-30C ~ +80C
(non-condensing)
Storage Temp
-40C ~ +100C
Life Expectancy
Ball Bearing
50,000 hours (L10 at 55C)
Environmental Protection
IP56
Weight: ~ 4.7 lbs
m0
Impeller
MetalAlloy
Connection
2x Lead Wires 20AWG or
terminals
Motor
AC Capacitor Induction,
thermally protected
Bearing System
Dual ball bearing
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB) Volts AC Voltage
Range
Watts Max. Static
Pressure
(“H2O)
Curves
OA2543AN-11-1 * 1856 2800
3300
800
930
66
115
100~120
95
105
0.84
0.78
2 (50Hz)
1 (60Hz)
OA2543AN-11-2 * 1856 2300
2000
670
615
53
115
100~120
8095
0.25
0.20
4 (50Hz)
3 (60Hz)
OA2543AN-11-3 * 1856 1650
1500
510
460
48
115
100~120
3240
0.22
0.17
6 (50Hz)
5 (60Hz)
OA2543AN-22-1 * 1856 2800
3300
800
930
66
230
200~240
95
105
0.84
0.78
2 (50Hz)
1 (60Hz)
OA2543AN-22-2 * 1856 2300
2000
670
615
53
230
200~240
8095
0.25
0.20
4 (50Hz)
3 (60Hz)
OA2543AN-22-3 * 1856 1650
1500
510
460
48
230
200~240
3240
0.22
0.17
6 (50Hz)
5 (60Hz)
RoHS Compliant
39
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA2543 Series - All Metal
AC Fan - 115V, 230V
254 x 89mm (10.0” x 3.5”)
* Indicate “TB” for terminal type or “WB” for lead wires


Similar Part No. - OA2543AN-22-21856

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA2543AN-22-2-1856 ORIONFANS-OA2543AN-22-2-1856 Datasheet
298Kb / 1P
   AC Fan
More results

Similar Description - OA2543AN-22-21856

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA2547AN-METAL ORIONFANS-OA2547AN-METAL Datasheet
319Kb / 1P
   AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
OA254ANXC ORIONFANS-OA254ANXC Datasheet
399Kb / 1P
   AC Fan - 115V, 230V High Performance 254 x 89mm (10.0??x 3.5??
OA180-METAL ORIONFANS-OA180-METAL Datasheet
535Kb / 1P
   AC Fan - 115V, 230V 176 x 89mm (6.9??x 3.5??
OA180AP ORIONFANS-OA180AP_15 Datasheet
750Kb / 1P
   AC Fan - 115V, 230V 180 x 89mm (7.1??x 3.5??
OA180AP ORIONFANS-OA180AP Datasheet
1Mb / 1P
   AC Fan - 115V, 230V 180 x 89mm (7.1' x 3.5')
OA254AN ORIONFANS-OA254AN Datasheet
114Kb / 1P
   254 x 89mm (10.0??x 3.5??
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA180ANL-METAL ORIONFANS-OA180ANL-METAL Datasheet
515Kb / 1P
   AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA119 ORIONFANS-OA119 Datasheet
96Kb / 1P
   AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA162 ORIONFANS-OA162_16 Datasheet
383Kb / 1P
   AC Fan - 115V, 230V 172 x 55mm (6.7??x 2.2??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com