Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA938AP-22-2 Datasheet(PDF) 1 Page - ORION FANS

Part # OA938AP-22-2
Description  AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA938AP-22-2 Datasheet(HTML) 1 Page - ORION FANS

  OA938AP-22-2 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
8
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA938 Series
Frame
DiecastAluminum
OperatingTemperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Storage Temp
-40C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Weight: ~ 0.98 lbs.
Impeller
PBT, UL94V-0 plastic
Connection
2x Lead Wires 22AWG or
terminals
Motor
Shaded pole, impedance
protected
Bearing System
Dual ball or Sleeve
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
Model Number
Speed
(RPM)
Airflow
(CFM) Noise (dB) Volts AC
Voltage
Range
Watts
Max. Static
Pressure (“H2O)
OA938AP-11-1 *
3100
50
32
115
80~130
9
.22
OA938AP-11-2 *
2400
39
23
115
80~130
5
.17
OA938AP-11-3 *
1800
26
19
115
80~130
3
.10
OA938AP-22-1 *
3100
50
32
230
160~260
9
.22
OA938AP-22-2 *
2400
39
23
230
160~260
5
.17
OA938AP-22-3 *
1800
26
19
230
160~260
3
.10
* Indicate “TB” (Terminal Ball Bearing), “WB” (12” Wire Leads, Ball Bearing), “TS” (Terminal, Sleeve Bearing), “WS” (12” Wire Leads, Sleeve Bearing)
AC Fan - 115V, 230V
92 x 38mm(3.62” x 1.5”)
m0
(1.52")
(3.62")
(0.24")
(3.25")
(0.312")
(0.12")
(0.03")
4.2 (.166") DIA.
HOLE THRU
TYP. 8 PLACES
#8-32 THREADED
GROUND HOLE
M4x0.7 THREADED
GROUND HOLE
38.50.5
5.2
92.00.5
82.50.5
7.94
3
0.7
M4 #8
TIO
N
38.5+0.5
-
92.0+0.5
-
82.5+0.5
-


Similar Part No. - OA938AP-22-2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA938AP-22-2 ORIONFANS-OA938AP-22-2 Datasheet
95Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 92 x 38mm(3.62??x 1.5??
OA938AP-22-21855 ORIONFANS-OA938AP-22-21855 Datasheet
289Kb / 1P
   AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
More results

Similar Description - OA938AP-22-2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA938-METAL ORIONFANS-OA938-METAL Datasheet
289Kb / 1P
   AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
OA938 ORIONFANS-OA938 Datasheet
95Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 92 x 38mm(3.62??x 1.5??
OA92 ORIONFANS-OA92_16 Datasheet
385Kb / 1P
   AC Fan - 115V, 230V 92 x 25mm (3.62??x 1.0??
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA119 ORIONFANS-OA119 Datasheet
96Kb / 1P
   AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA80 ORIONFANS-OA80_16 Datasheet
212Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA119-METAL ORIONFANS-OA119-METAL Datasheet
266Kb / 1P
   AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA119 ORIONFANS-OA119_16 Datasheet
113Kb / 1P
   AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA1238AP ORIONFANS-OA1238AP Datasheet
442Kb / 1P
   AC Fan - 115V, 230V 120 x 38mm (4.7??x 1.5??
OA92 ORIONFANS-OA92 Datasheet
95Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 92 x 25mm(3.62??x 1.0??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com