Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A5424 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # Q65111A5424
Description  Museum lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A5424 Datasheet(HTML) 5 Page - OSRAM GmbH

  Q65111A5424 Datasheet HTML 1Page - OSRAM GmbH Q65111A5424 Datasheet HTML 2Page - OSRAM GmbH Q65111A5424 Datasheet HTML 3Page - OSRAM GmbH Q65111A5424 Datasheet HTML 4Page - OSRAM GmbH Q65111A5424 Datasheet HTML 5Page - OSRAM GmbH Q65111A5424 Datasheet HTML 6Page - OSRAM GmbH Q65111A5424 Datasheet HTML 7Page - OSRAM GmbH Q65111A5424 Datasheet HTML 8Page - OSRAM GmbH Q65111A5424 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Version 1.1
GW MAEGB1.CM
2015-03-02
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux
1) page 18
Luminous Flux
1) page 18
Luminous Flux
4) page 18
Luminous Flux
4) page 18
Gruppe
Lichtstrom
1) Seite 18
Lichtstrom
1) Seite 18
Lichtstrom
4) Seite 18
Lichtstrom
4) Seite 18
T
S = 85 °C
T
S = 85 °C
T
S = 25 °C
T
S = 25 °C
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(extrapolated min.)
Φ
V [lm]
(extrapolated
max.) Φ
V [lm]
PTQQ
610
820
647
869
PUQR
658
892
697
946
QPQS
710
970
753
1028
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.


Similar Part No. - Q65111A5424

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A5420 OSRAM-Q65111A5420 Datasheet
744Kb / 19P
   Outdoor lighting
Q65111A5421 OSRAM-Q65111A5421 Datasheet
744Kb / 19P
   Outdoor lighting
More results

Similar Description - Q65111A5424

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGGB3.CM OSRAM-GWKAGGB3.CM Datasheet
773Kb / 17P
   Museum lighting
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
   LED Lighting
FSP100-NZMCH-2100 FSP-FSP100-NZMCH-2100 Datasheet
122Kb / 1P
   LED Lighting
FSP100-NZMCH-2800 FSP-FSP100-NZMCH-2800 Datasheet
122Kb / 1P
   LED Lighting
FSP120-NZKCH-2500 FSP-FSP120-NZKCH-2500 Datasheet
122Kb / 1P
   LED Lighting
FSP120-NZKCH-2800 FSP-FSP120-NZKCH-2800 Datasheet
122Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com