Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A4684 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # Q65111A4684
Description  Indoor General Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4684 Datasheet(HTML) 2 Page - OSRAM GmbH

  Q65111A4684 Datasheet HTML 1Page - OSRAM GmbH Q65111A4684 Datasheet HTML 2Page - OSRAM GmbH Q65111A4684 Datasheet HTML 3Page - OSRAM GmbH Q65111A4684 Datasheet HTML 4Page - OSRAM GmbH Q65111A4684 Datasheet HTML 5Page - OSRAM GmbH Q65111A4684 Datasheet HTML 6Page - OSRAM GmbH Q65111A4684 Datasheet HTML 7Page - OSRAM GmbH Q65111A4684 Datasheet HTML 8Page - OSRAM GmbH Q65111A4684 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2014-01-28
2
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW KAHLB1.EM
Ordering Information
Bestellinformation
Type:
Color
Temperature
Luminous Flux
1) page 17
Ordering Code
Typ:
Farbtemperatur Lichtstrom
1) Seite 17
Bestellnummer
IF = 700 mA,
TS = 85 °C
[K]
ΦV [lm]
GW KAHLB1.EM-TQTS-27S3
2700
3040 ... 3900
Q65111A4687
GW KAHLB1.EM-TQTT-30S3
3000
3040 ... 4190
Q65111A4686
GW KAHLB1.EM-TRTT-35S3
3500
3300 ... 4190
Q65111A4685
GW KAHLB1.EM-TRTU-40S3
4000
3300 ... 4500
Q65111A4684
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page ). Only one group will be shipped on each
packing unit (there will be no mixing of two groups on each packing unit). E. g. GW KAHLB1.EM-TRTT-35S3 means that only one group TRTT will be
shippable for any packing unit. In order to ensure availability, single brightness groups will not be orderable.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen (siehe Seite ). Es
wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. GW KAHLB1.EM-TRTT-35S3 bedeutet, dass in einer
Verpackungseinheit nur eine der Helligkeitsgruppen TRTT enhalten ist. Um die Liefersicherheit zu gewährleisten, können einzelne Helligkeitsgruppen
nicht bestellt werden.


Similar Part No. - Q65111A4684

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4640 OSRAM-Q65111A4640 Datasheet
704Kb / 18P
   Indoor General Lighting
Q65111A4641 OSRAM-Q65111A4641 Datasheet
704Kb / 18P
   Indoor General Lighting
Q65111A4642 OSRAM-Q65111A4642 Datasheet
704Kb / 18P
   Indoor General Lighting
Q65111A4643 OSRAM-Q65111A4643 Datasheet
704Kb / 18P
   Indoor General Lighting
Q65111A4644 OSRAM-Q65111A4644 Datasheet
704Kb / 18P
   Indoor General Lighting
More results

Similar Description - Q65111A4684

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com