Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A4641 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # Q65111A4641
Description  Indoor General Lighting
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4641 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button Q65111A4641 Datasheet HTML 4Page - OSRAM GmbH Q65111A4641 Datasheet HTML 5Page - OSRAM GmbH Q65111A4641 Datasheet HTML 6Page - OSRAM GmbH Q65111A4641 Datasheet HTML 7Page - OSRAM GmbH Q65111A4641 Datasheet HTML 8Page - OSRAM GmbH Q65111A4641 Datasheet HTML 9Page - OSRAM GmbH Q65111A4641 Datasheet HTML 10Page - OSRAM GmbH Q65111A4641 Datasheet HTML 11Page - OSRAM GmbH Q65111A4641 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
2014-12-11
8
Version 1.1
GW KAGHB1.EM
Relative Spectral Emission - V(λ) = Standard eye response curve 8) page 17
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 8) Seite 17
Φrel = f (λ); TS = 25 °C; IF = 500 mA
Radiation Characteristics 8) page 17
Abstrahlcharakteristik 8) Seite 17
Irel = f (ϕ); TS = 25 °C
GW KAGHB1.EM-MS
350
400
450
500
550
600
650
700
750
800
λ [nm]
0.0
0.2
0.4
0.6
0.8
1.0
Irel
: Vλ
: warm white
: cool white
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - Q65111A4641

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4684 OSRAM-Q65111A4684 Datasheet
565Kb / 19P
   Indoor General Lighting
Q65111A4685 OSRAM-Q65111A4685 Datasheet
565Kb / 19P
   Indoor General Lighting
Q65111A4686 OSRAM-Q65111A4686 Datasheet
565Kb / 19P
   Indoor General Lighting
Q65111A4687 OSRAM-Q65111A4687 Datasheet
565Kb / 19P
   Indoor General Lighting
More results

Similar Description - Q65111A4641

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com