Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A7263 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q65111A7263
Description  Indoor General Lighting
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A7263 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button Q65111A7263 Datasheet HTML 2Page - OSRAM GmbH Q65111A7263 Datasheet HTML 3Page - OSRAM GmbH Q65111A7263 Datasheet HTML 4Page - OSRAM GmbH Q65111A7263 Datasheet HTML 5Page - OSRAM GmbH Q65111A7263 Datasheet HTML 6Page - OSRAM GmbH Q65111A7263 Datasheet HTML 7Page - OSRAM GmbH Q65111A7263 Datasheet HTML 8Page - OSRAM GmbH Q65111A7263 Datasheet HTML 9Page - OSRAM GmbH Q65111A7263 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2014-12-11
6
Version 1.1
GW KAGHB1.EM
Color Chromaticity Groups 7) page 17 , 6) page 17
Farbortgruppen
7) Seite 17 , 6) Seite 17
Chromaticity Coordinate Groups 7) page 17 , 6) page 17
Farbortgruppen 7) Seite 17 , 6) Seite 17
extrapolated to TJ = 85 °C
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
27H3
0.4505
0.4027
50H3
0.3418
0.3487
0.4572
0.4158
0.3422
0.3576
0.4583
0.4045
0.3471
0.3529
0.4662
0.4179
0.3484
0.3627
30H3
0.4270
0.3953
57H3
0.3258
0.3433
0.4324
0.4078
0.3264
0.3355
0.4351
0.3981
0.3315
0.3400
0.4418
0.4112
0.3319
0.3488
40H3
0.3765
0.3719
65H3
0.3089
0.3290
0.3789
0.3825
0.3103
0.3222
0.3847
0.3768
0.3152
0.3353
0.3885
0.3885
0.3158
0.3275
65
00
K
57
00
K
50
00
K
45
00
K
40
00
K
350
0K
3000
K
2700
K
27H3
30H3
40H3
50H3
57H3
65H3
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)


Similar Part No. - Q65111A7263

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A7266 OSRAM-Q65111A7266 Datasheet
712Kb / 18P
   SOLERIQ S13
Q65111A7267 OSRAM-Q65111A7267 Datasheet
712Kb / 18P
   SOLERIQ S13
Q65111A7268 OSRAM-Q65111A7268 Datasheet
712Kb / 18P
   SOLERIQ S13
More results

Similar Description - Q65111A7263

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com