Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A6393 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # Q65111A6393
Description  Indoor General Lighting
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A6393 Datasheet(HTML) 5 Page - OSRAM GmbH

  Q65111A6393 Datasheet HTML 1Page - OSRAM GmbH Q65111A6393 Datasheet HTML 2Page - OSRAM GmbH Q65111A6393 Datasheet HTML 3Page - OSRAM GmbH Q65111A6393 Datasheet HTML 4Page - OSRAM GmbH Q65111A6393 Datasheet HTML 5Page - OSRAM GmbH Q65111A6393 Datasheet HTML 6Page - OSRAM GmbH Q65111A6393 Datasheet HTML 7Page - OSRAM GmbH Q65111A6393 Datasheet HTML 8Page - OSRAM GmbH Q65111A6393 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Version 1.0
GW KAHLB1.CM
2014-09-15
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux 1) page 17
Luminous Flux 1) page 17
Gruppe
Lichtstrom
1) Seite 17
Lichtstrom
1) Seite 17
T
S = 85 °C
T
S = 85 °C
(min.) Φ
V [lm]
(max.) Φ
V [lm]
SUTQ
2590
3300
TPTR
2800
3590
TQTS
3040
3900
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.


Similar Part No. - Q65111A6393

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A6310 OSRAM-Q65111A6310 Datasheet
252Kb / 7P
   Green Laser Diode in TO56 Package
logo
ams AG
Q65111A6310 AMSCO-Q65111A6310 Datasheet
1Mb / 17P
   Green Laser Diode in TO56 Package
Version 1.7 2021-06-23
More results

Similar Description - Q65111A6393

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com