Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA112P25M Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISLA112P25M
Description  Low Power 12-Bit, 250MSPS ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA112P25M Datasheet(HTML) 3 Page - Intersil Corporation

  ISLA112P25M Datasheet HTML 1Page - Intersil Corporation ISLA112P25M Datasheet HTML 2Page - Intersil Corporation ISLA112P25M Datasheet HTML 3Page - Intersil Corporation ISLA112P25M Datasheet HTML 4Page - Intersil Corporation ISLA112P25M Datasheet HTML 5Page - Intersil Corporation ISLA112P25M Datasheet HTML 6Page - Intersil Corporation ISLA112P25M Datasheet HTML 7Page - Intersil Corporation ISLA112P25M Datasheet HTML 8Page - Intersil Corporation ISLA112P25M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ISLA112P25M
3
FN7646.1
November 17, 2011
20, 21
CLKP, CLKN
Clock Input True, Complement
22
OUTMODE
Tri-Level Output Mode Control (LVDS, LVCMOS)
23
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
25
RESETN
Power On Reset (Active Low, see page 15)
26, 45, 55, 65
OVSS
Output Ground
27, 36, 56
OVDD
1.8V Output Supply
32
D0N
[NC]
LVDS Bit 0 (LSB) Output Complement
[NC in LVCMOS]
DDR Logical Bits 1, 0 (LVDS)
33
D0P
[D0]
LVDS Bit 0 (LSB) Output True
[LVCMOS Bit 0]
DDR Logical Bits 1, 0 (LVDS or CMOS)
34
D1N
[NC]
LVDS Bit 1 Output Complement
[NC in LVCMOS]
NC in DDR
35
D1P
[D1]
LVDS Bit 1 Output True
[LVCMOS Bit 1]
NC in DDR
37
D2N
[NC]
LVDS Bit 2 Output Complement
[NC in LVCMOS]
DDR Logical Bits 3,2 (LVDS)
38
D2P
[D2]
LVDS Bit 2 Output True
[LVCMOS Bit 2]
DDR Logical Bits 3,2 (LVDS or CMOS)
39
D3N
[NC]
LVDS Bit 3 Output Complement
[NC in LVCMOS]
NC in DDR
40
D3P
[D3]
LVDS Bit 3 Output True
[LVCMOS Bit 3]
NC in DDR
41
D4N
[NC]
LVDS Bit 4 Output Complement
[NC in LVCMOS]
DDR Logical Bits 5,4 (LVDS)
42
D4P
[D4]
LVDS Bit 4 Output True
[LVCMOS Bit 4]
DDR Logical Bits 5,4 (LVDS or CMOS)
43
D5N
[NC]
LVDS Bit 5 Output Complement
[NC in LVCMOS]
NC in DDR
44
D5P
[D5]
LVDS Bit 5 Output True
[LVCMOS Bit 5]
NC in DDR
46
RLVDS
LVDS Bias Resistor
(Connect to OVSS with a 10kΩ, 1% resistor)
47
CLKOUTN
[NC]
LVDS Clock Output Complement
[NC in LVCMOS]
48
CLKOUTP
[CLKOUT]
LVDS Clock Output True
[LVCMOS CLKOUT]
49
D6N
[NC]
LVDS Bit 6 Output Complement
[NC in LVCMOS]
DDR Logical Bits 7,6 (LVDS)
50
D6P
[D6]
LVDS Bit 6 Output True
[LVCMOS Bit 6]
DDR Logical Bits 7,6 (LVDS or CMOS)
51
D7N
[NC]
LVDS Bit 7 Output Complement
[NC in LVCMOS]
NC in DDR
52
D7P
[D7]
LVDS Bit 7 Output True
[LVCMOS Bit 7]
NC in DDR
53
D8N
[NC]
LVDS Bit 8 Output Complement
[NC in LVCMOS]
DDR Logical Bits 9,8 (LVDS)
Pin Descriptions (Continued)
PIN
NUMBER
LVDS [LVCMOS]
NAME
LVDS [LVCMOS] FUNCTION
SDR MODE
DDR MODE
COMMENTS


Similar Part No. - ISLA112P25M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
992Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA112P25M RENESAS-ISLA112P25M Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
992Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA112P25MREP RENESAS-ISLA112P25MREP Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
More results

Similar Description - ISLA112P25M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
992Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA112P25M RENESAS-ISLA112P25M Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com