Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL71090SEH25 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL71090SEH25
Description  7.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71090SEH25 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL71090SEH25 Datasheet HTML 1Page - Intersil Corporation ISL71090SEH25 Datasheet HTML 2Page - Intersil Corporation ISL71090SEH25 Datasheet HTML 3Page - Intersil Corporation ISL71090SEH25 Datasheet HTML 4Page - Intersil Corporation ISL71090SEH25 Datasheet HTML 5Page - Intersil Corporation ISL71090SEH25 Datasheet HTML 6Page - Intersil Corporation ISL71090SEH25 Datasheet HTML 7Page - Intersil Corporation ISL71090SEH25 Datasheet HTML 8Page - Intersil Corporation ISL71090SEH25 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
DATASHEET
7.5V Radiation Hardened Ultra Low Noise, Precision
Voltage Reference
ISL71090SEH75
The ISL71090SEH75 is an ultra low noise, high DC accuracy
precision voltage reference with a wide input voltage range
from 9.2V to 30V. The ISL71090SEH75 uses the Intersil
advanced bipolar technology to achieve 1.0µVP-P noise at
0.1Hz with an accuracy over temperature of 0.15%.
The ISL71090SEH75 offers a 7.5V output voltage with
10ppm/°C temperature coefficient and also provides
excellent line and load regulation. The device is offered in an
8 Ld flatpack package.
The ISL71090SEH75 is ideal for high-end instrumentation,
data acquisition and applications requiring high DC precision
where low noise performance is critical.
Applications
• RH voltage regulators precision outputs
• Precision voltage sources for data acquisition system for
space applications
• Strain and pressure gauge for space applications
Features
• Reference output voltage . . . . . . . . . . . . . . . . . . 7.5V ±0.05%
• Accuracy over temperature . . . . . . . . . . . . . . . . . . . . . ±0.15%
• Output voltage noise . . . . . . . . .1.0µVP-P typ (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 930µA (typ)
• Tempco (box method) . . . . . . . . . . . . . . . . . . . 10ppm/°C max
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . . 20mA
• Line regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8ppm/V
• Load regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . .10ppm/mA
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation environment
- High dose rate (50-300rad(Si)/s) . . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . 100krad(Si)*
- SET/SEL/SEB . . . . . . . . . . . . . . . . . . . . . . 86MeV•cm2/mg
*Product capability established by initial characterization. The
“EH” version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate
• Electrically screened to SMD 5962-13211
Related Literature
• AN1847, “ISL71090SEH12EV1Z, ISL71090SEH25EV1Z,
ISL71090SEH50EV1Z, ISL71090SEH75EV1Z User Guide”
• AN1848, “Single Event Effects (SEE) Testing of the
ISL71090SEH Precision Voltage Reference”
• AN1849, “Total Dose Testing of the ISL71090SEH Precision
Voltage Reference”
FIGURE 1. ISL71090SEH75 TYPICAL APPLICATION DIAGRAM
FIGURE 2. VOUT vs TEMPERATURE
0.1µF
VEE
VDD
REFIN
VDD
BIPOFF
VEE
DACOUT
GND
VIN
VREF
1µF
D0
HS-565BRH
1
2
3
4
6
8
7
5
ISL71090SEH75
D12
1.1k
C
NOTE: Select C to minimize
settling time.
DNC
VIN
COMP
GND
DNC
DNC
VOUT
TRIM
1nF
7.490
7.492
7.494
7.496
7.498
7.500
7.502
7.504
7.506
7.508
7.510
-80
-60
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (°C)
7.5V + 0.1%
7.5V - 0.1%
UNIT 1
UNIT 4
UNIT 5
UNIT 2
UNIT 3
March 18, 2016
FN8591.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013, 2016. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL71090SEH25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
391Kb / 13P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71090SEH25EV1Z RENESAS-ISL71090SEH25EV1Z Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
More results

Similar Description - ISL71090SEH25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71090SEH75 RENESAS-ISL71090SEH75 Datasheet
488Kb / 14P
   7.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
January 21, 2022
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH50 INTERSIL-ISL71090SEH50 Datasheet
391Kb / 13P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
   1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH10 INTERSIL-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com